Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US890 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # US890
Description  Two-Coil Fan Driver ??High Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US890 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  US890_14 Datasheet HTML 1Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 2Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 3Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 4Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 5Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 6Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 7Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 8Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3901000890
Rev 003
Features and Benefits
0
Peak output current up to 1200mA
0
Low start-up voltage
0
Low output resistance
0
High sensitivity integrated Hall Sen
0
Power-efficient CMOS and power
0
Built-in output protection clamping
0
Locked rotor protection and auto-r
0
Integrated tachometer (US890) or
signal protected output
0
Low cost
0
2-coil fan driver with FG/RD output
RoHS Compliant 4-pin VK package
Ordering Code
Product Code
Temperature Code
US891
E
US890
E
Legend:
Temperature Code:
E for Temperature Range
Package Code:
VK for
Packing Form:
BU for Bulk
Ordering example:
US891EVK
1 Functional Diagram
US890 /
Two-Coil Fan Driver – High Ou
Page 1 of 12
A
ensor
er MOSFETs
ng diode
restart
or alarm (US891)
ut in
age
Application Examples
0
5V/12V DC brushless moto
0
PC, server, laptop cooling f
0
Power supply cooling fan
0
Large and small fan size
Temperature Code
Package Code
Option Code
Packing Form Code
VK
AAA-000
BU
VK
AAA-000
BU
E for Temperature Range -40°C to 85°C
VK for Plastic Single in Line
BU for Bulk
US891EVK-AAA-000-BU
2 General Descriptio
The US890/891 is a one-chip s
two-coil brushless DC motors and
Based on the advanced Melexi
the IC contains a Hall-effect sen
offset correction and powerful out
1200mA peak output current cap
Specially designed for driving la
device is optimized for low star
Frequency Generator or Rotati
available. The open-drain output
connectivity with any external inte
hardware monitoring or Super I/O
These features are combined w
patented no-VDD design to fit th
pin VK package.
0 / US891
utput Current
Data Sheet
Apr/12
es
otor/fan
fan
Option Code
Packing Form Code
BU
BU
ion
solution for driving
and fans.
is CMOS process,
ensor, dynamic
output drivers with
apability.
arge fans, the
rt-up voltage.
ion Detection is
utput makes easier the
nterface such as
I/O IC.
with the Melexis
he IC in a small 4-


Similar Part No. - US890_14

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US890EVK MELEXIS-US890EVK Datasheet
316Kb / 12P
   Two-Coil Fan Driver - High Output Current
More results

Similar Description - US890_14

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US890 MELEXIS-US890 Datasheet
316Kb / 12P
   Two-Coil Fan Driver - High Output Current
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
logo
Prolific Technology Inc...
PT3907 PROLIFIC-PT3907 Datasheet
391Kb / 1P
   Double Coil High Output Current Fan Driver
logo
Melexis Microelectronic...
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com