Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US890 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # US890
Description  Two-Coil Fan Driver ??High Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US890 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  US890_14 Datasheet HTML 1Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 2Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 3Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 4Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 5Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 6Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 7Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 8Page - Melexis Microelectronic Systems US890_14 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
US890 / US891
Two-Coil Fan Driver – High Output Current
3901000890
Rev 003
Page 3 of 12
Data Sheet
Apr/12
3 Glossary of Terms
Two-coil fan
A fan with two-coil windings where current alternates from 1 coil to the other
depending on the direction of the magnetic field.
MilliTesla (mT), Gauss
Units of magnetic flux density :
1mT = 10 Gauss
VDD
Voltage on the common point of the fan coils.
IDD
Current supplying the chip which flows through the coil connected to the
switched off output driver.
Peak output current
The current flowing in the coil at start-up, only limited by the coil resistance
RCOIL and the output driver resistance RDSON.
Continuous output current
The average current flowing in the coil when the fan is spinning normally.
Locked rotor
The state when the fan stopped spinning due to mechanical blockage.
FG
Frequency generator or tachometer output
RD
Rotation detection or alarm output
4 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Fan Supply Voltage
VDD
18
V
Peak Output Current
IOUTp
1200
mA
Continuous Output Current
IOUTc
600
mA
FG/RD Pull-Up Voltage
VFG, RD
18
V
FG/RD Reverse Current
IFG_REV, RD_REV
60
mA
Operating Temperature Range
TA
-40 to 85
°C
Junction Temperature
TJ
125
°C
Storage Temperature Range
TS
-55 to 150
°C
Magnetic Flux Density
B
Unlimited
mT
ESD Sensitivity (AEC Q100 002)
-
4
kV
Table 1: Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.
5 Pin Definitions and Descriptions
Pin Name
Pin number
Function
FG (RD)
1
Frequency Generator (Rotation Detection) Open Drain Output
OUT1
2
Open Drain Coil Driver 1
OUT2
3
Open Drain Coil Driver 2
GND
4
Ground pin
Table 2: Pin definitions and descriptions


Similar Part No. - US890_14

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US890EVK MELEXIS-US890EVK Datasheet
316Kb / 12P
   Two-Coil Fan Driver - High Output Current
More results

Similar Description - US890_14

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US890 MELEXIS-US890 Datasheet
316Kb / 12P
   Two-Coil Fan Driver - High Output Current
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
logo
Prolific Technology Inc...
PT3907 PROLIFIC-PT3907 Datasheet
391Kb / 1P
   Double Coil High Output Current Fan Driver
logo
Melexis Microelectronic...
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com