Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7012-06 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ML7012-06
Description  2400 bps Single Chip Full Duplex Data Modem with Protocol
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7012-06 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML7012-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML7012-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7012-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7012-06 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7012-06 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7012-06 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7012-06 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7012-06 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7012-06 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
FEDL7012-06-02
ML7012-06
6/23
Test Interface
Symbol
Type
Description
TST2 to 0
I
Test pins for the LSI manufacturer. Input “0”.
In normal operation state, input “0” to all of the TI8 to 0.
The input combination in the table below realizes test modes. (Input “0” to TI8, TI6,
TI5, TI3, and TI2 in the case, too.)
TI7
TI4
TI1
TI0
Test function, description
1
0
0
0
Continuous output of DTMF tones (Code A)
1
1
0
0
Continuous output of originate scramble “1” of V.22bis
(2400bps)
1
1
0
1
Continuous output of answer scramble “1” of V.22bis
(2400bps)
1
0
1
0
AC loop test
It takes approx. 2 seconds to get into the AC loop test
mode. RTS signal is required to be ON.
TI8 to 0
I
When entering a test mode, execute reset using PDN/RST pin after TI8 to 0 are set as
intended.
When escaping from the test mode, execute reset using PDN/RST pin after TI8 to 0 are
set to “0”.
TO10 to 0
O
Leave open
Power Supply
Symbol
Type
Description
VDDA
I
Analog VDD pin. Supply 2.7 - 3.6V.
Connect a ceramic capacitor with good high frequency characteristics (0.1 to 1µF) and an
electrolytic capacitor (10 to 20µF) in parallel between this terminal and GNDA.
GNDA
I
Analog GND pin
VDD2 to 1
I
Digital VDD pins. Supply 2.7 - 3.6V. Supply the same voltage to the VDDA.
Connect a ceramic capacitor with good high frequency characteristics (0.1 to 1µF) and an
electrolytic capacitor (10 to 20µF) in parallel between this terminal and GND2/GND1.
GND2 to 1
I
Digital GND pins.
(*1)
Pre-pause
Dialing
Communicating
Commands
RLY1
RLY2
(*2)
RII
CI
Line connection
150ms
400ms
acall-in signal


Similar Part No. - ML7012-06

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7012-04GA OKI-ML7012-04GA Datasheet
155Kb / 22P
   2400 bps Single Chip Full Duplex Data Modem with Protocol
More results

Similar Description - ML7012-06

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7012 OKI-ML7012 Datasheet
155Kb / 22P
   2400 bps Single Chip Full Duplex Data Modem with Protocol
logo
List of Unclassifed Man...
RC2424DP ETC1-RC2424DP Datasheet
2Mb / 36P
   RC2424DP/DS 2400 BPS FULL-DUPLEX MODEM DATA PUMP DEVICE SET
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
   2400/1200 bps Single Chip MSK Modem
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
logo
OKI electronic componet...
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
   1200 bps Single Chip MSK Modem
logo
List of Unclassifed Man...
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
   Low-Cost, 2400 BPS Surface-Mount Modem
logo
OKI electronic componet...
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
   300 bps Full Duplex FSK Modem - ITU-T V.21
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com