Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7105-002 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML7105-002
Description  Bluetooth짰Low Energy
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7105-002 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML7105-002 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7105-002 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7105-002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7105-002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7105-002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7105-002 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7105-002 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7105-002 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7105-002 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
FEDL7105-002-01
ML7105-002
8/30
■Electrical Characteristics
●Absolute Maximum Rating
(*1) VDDBAT, VDDIO pins
(*2) VDDRF, VDDVCO, VDDCORE,
(*3) GND: GND pin (Package GND)
(*4) IO pins with I, IPD, B2 symbol in pin definition
(*5) IO pins with O2,B2 symbol in pin definition
(*6) IO pins with IA, OA,
XM symbol in pin definition
(*7) IO pins with IAH, OAH,
ISH, XSH, symbol in pin definition
●Recommended Operating Conditions
Item
Symbol
Condition
Min
Typ
Max
Unit
Power Supply
VDDIO1
VDDIO pin
VDDBAT≧VDDIO)
1.6
3.3
3.6
V
Power Supply
VDDIO2
VDDBAT pin
VDDBAT≧VDDIO)
1.6
3.3
3.6
V
Ambient Temperature
Ta
–20
+25
+85
°C
Rising time digital input pins
tIR1
Digital input/inout pins
20
Ns
Falling time digital input pins
tIF1
Digital input/inout pins
20
Ns
Load capacitance digital
CDL
Digital output/inout pins
20
pF
Master Clock (26 MHz)
crystal oscillator frequency
FMCK1
Connect cristal oscillator
between XOP-XON pins
*1), (*2)
–40
ppm
26
+40
ppm
MHz
Low Power Clock
(32.768 kHz)
crystal oscillator frequency
FLPCK1
LPCLKIN pin,
LPCLKBUS pin (*2)
–250
ppm
32.768
+250
ppm
kHz
Low Power Clock
Input Duty Ratio
DLPCK1
External input from LPCLKIN,
LPCLKBUS pin left OPEN
30
50
70
%
RF Channel frequency (*2)
FRF
SWOUT pin
2402
2480
MHz
RF input level
PRFIN
-70
-10
dBm
(*1) Cristal oscillator is recommended
(*2) The cristal should be used the one that meet the specification include peripheral circuit.
(*3) Frequency range
F = 2402 + 2 x k [MHz] here k=0, 1,2,…,39.
Item
Symbol
Condition
Rating
Unit
Power supply 3.3V (*1)
VDDIO1
VDDIO2
–0.3 to +4.6
V
Power supply 1.2V (*2)
VDDRF
–0.3 to +1.8
V
Digital input voltage (*4)
VDIN
–0.3 to VDDIO+0.3
V
Digital output voltage (*5)
VDO
Ta =
−20 to +70 deg.C
–0.3 to VDDIO+0.3
V
Analog IO voltage (*6)
VA
GND= 0 V (*3)
–0.3 to VDDRF+0.3
V
Analog HV IO voltage (*7)
VAH
VDDRF=VDDVCO
–0.3 to VDDIO+0.3
V
Digital IO load current
IDO
=VDDCORE,
–10 to +10
mA
Analog IO current (*6)(*7)
IA
VDDBAT=VDDIO,
–2 to +2
mA
Power Dissipation
PD
1.0
W
Storage temperature
Tstg
–55 to +125
deg.C


Similar Part No. - ML7105-002

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML7105 LAPIS-ML7105 Datasheet
683Kb / 30P
   Bluetooth Low Energy
More results

Similar Description - ML7105-002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
Carlo Gavazzi Holding A...
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
   Energy Management Energy Meter Type EM340
ET340 CARLOGAVAZZI-ET340 Datasheet
278Kb / 8P
   Energy Management Energy Transducer Type ET340
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
logo
Tadiran Batteries GmbH
TLP-93111-A TADIRN-TLP-93111-A Datasheet
288Kb / 1P
   High energy
TLP-93311-A TADIRN-TLP-93311-A Datasheet
309Kb / 1P
   High energy
TLP-97311-A TADIRN-TLP-97311-A Datasheet
276Kb / 1P
   High energy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com