Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDW-9140 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDW-9140
Description  Three Channel Optical Incremental Encoder Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDW-9140 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HEDW-9140 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDW-9140 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDW-9140 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDW-9140 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDW-9140 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HEDW-9140 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HEDW-9140 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HEDW-9140 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HEDW-9140 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Orientation of Artwork for HEDS-9040 Option T00 (2000 CPR, 23.36mm Rop) and HEDS-9140 Option B00
(1000CPR, 11.00mm Rop)
*Please note that the image side of the codewheel must always be facing the module Side A.
The Index area on the HEDS- 9040 Option T00, 2000 CPR
and HEDS-9140 Option B00, 1000 CPR Encoder Module
has a nonsymmetrical pattern as does the mating Code-
wheel. In order for the Index to operate, the “Rightread-
ing”side of the Codewheel disk (the“Artwork Side”) must
point toward “Side A” of the Module (the side with the
connecting pins).
Because the Encoder Module may be used with either
“Side A” or with “Side B” toward the
Mounting Surface, Avago supplies two versions of Film
Codewheels for use with the Option T00 3-channel
Module and Option B00 3-Channel Module: Codewheel
HEDM-6140 Option TXX and HEDM-5040 Option Bxx has
the Artwork Side on the “Hub Side” of the Codewheel/
hub assembly and works with “Side B” of the Module on
the user’s mounting surface. Codewheel HEDM-6141
Option TXX and HEDM-5041-Bxx has the Artwork Side
opposite the “Hub Side” and works with “Side A” of the
Module on the mounting surface. For the Index to oper-
ate, these parts must be oriented as shown in Figure 7a
and 7b.
* USE HEDM-6141#Txx or HEDM-5041#Bxx
Figure 7a.
* USE HEDM-6140#Txx or HEDM-5040#Bxx
Figure 7b.
HEDS-9040 fig 7a
MODULE SIDE B
MODULE SIDE A
IMAGE SIDE
OF CODEWHEEL*
* USE HEDM-6141 # Txx
HUB
HEDS-9040 fig 7b
IMAGE SIDE
OF CODEWHEEL*
MODULE SIDE A
MODULE SIDE B
* USE HEDM-6140 # Txx
HUB


Similar Part No. - HEDW-9140

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
HED1005 HOTTECH-HED1005 Datasheet
323Kb / 4P
   GENERAL PURPOSE TRANSISTOR
HED1119 HOTTECH-HED1119 Datasheet
279Kb / 4P
   GENERAL PURPOSE TRANSISTOR
HED1766 HOTTECH-HED1766 Datasheet
353Kb / 4P
   GENERAL PURPOSE TRANSISTOR
HED1767 HOTTECH-HED1767 Datasheet
415Kb / 4P
   GENERAL PURPOSE TRANSISTOR
HED1898 HOTTECH-HED1898 Datasheet
376Kb / 4P
   GENERAL PURPOSE TRANSISTOR
More results

Similar Description - HEDW-9140

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com