Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMC-0603-33N Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIMC-0603-33N
Description  MULTILAYER CHIP CERAMIC INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIMC-0603-33N Datasheet(HTML) 1 Page - Abracon Corporation

  AIMC-0603-33N Datasheet HTML 1Page - Abracon Corporation AIMC-0603-33N Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MULTILAYER CHIP CERAMIC INDUCTORS
|||||||||||| | | |
AIMC-0603
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
FEATURES:
1.6 x 0.8 x 0.8mm
RoHS
Compliant
PARAMETERS
ABRACON P/N:
AIMC-0603-xxx Series
Operating temperature:
Storage temperature:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 06.01.11
Visit www.abracon.com for Terms & Conditions of Sale
• High self-resonant frequency
• Multilayer monolithic construction yields high reliability
• Excellent solderability & heat resistance for reflow soldering
• Bluetooth
• Mobile phones such as GSM, CDMA, PDC
• High frequency telecommunication circuits
• Other high frequency circuit general use
*S for L = 1.0 ~ 5.6nH
D for L = 1.0 ~ 5.6nH
J for L = 6.8 ~ 270nH
K for L = 3.3 ~ 270nH
AIMC-0603-
-
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T: Tape and Reel (4kpcs / reel)
Tolerance
S: ±0.3nH*
D: ±0.5nH*
J: ±5%*
K: ±10%*
-55°C to + 125°C
-55°C to + 125°C
Part No.
L(nH)
Tolerance
Q
(MIN)
L,Q Test
Freq.
SRF(MHz)
DCR(Ω)
Ir(mA)
(MHz)
(min)
(max)
(max)
AIMC-0603-1N0
1.0
S, D
8
100
>10000
0.05
500
AIMC-0603-1N2
1.2
S, D
8
100
>10000
0.05
500
AIMC-0603-1N5
1.5
S, D
8
100
>10000
0.10
500
AIMC-0603-1N8
1.8
S, D
8
100
>10000
0.10
500
AIMC-0603-2N2
2.2
S, D
8
100
10000
0.10
500
AIMC-0603-2N7
2.7
S, D
10
100
9000
0.10
500
AIMC-0603-3N3
3.3
S, D, K
10
100
8000
0.12
500
AIMC-0603-3N9
3.9
S, D, K
10
100
7000
0.14
500
AIMC-0603-4N7
4.7
S, D, K
10
100
5500
0.16
500
AIMC-0603-5N6
5.6
S, D, K
10
100
4500
0.18
500
AIMC-0603-6N8
6.8
J, K
10
100
4000
0.22
500
AIMC-0603-8N2
8.2
J, K
10
100
3600
0.24
500
AIMC-0603-10N
10
J, K
12
100
3400
0.26
300
AIMC-0603-12N
12
J, K
12
100
2800
0.30
300
AIMC-0603-15N
15
J, K
12
100
2500
0.32
300
AIMC-0603-18N
18
J, K
12
100
2100
0.35
300
AIMC-0603-22N
22
J, K
12
100
1700
0.40
300
AIMC-0603-27N
27
J, K
12
100
1500
0.45
300
AIMC-0603-33N
33
J, K
12
100
1300
0.55
300
AIMC-0603-39N
39
J, K
12
100
1100
0.60
300
AIMC-0603-47N
47
J, K
12
100
1000
0.70
300
AIMC-0603-56N
56
J, K
12
100
900
0.75
300
AIMC-0603-68N
68
J, K
12
100
700
0.85
300
AIMC-0603-82N
82
J, K
12
100
600
0.95
300
AIMC-0603-R10
100
J, K
12
100
600
1.00
300
AIMC-0603-R12
120
J, K
8
50
500
1.30
300
AIMC-0603-R15
150
J, K
8
50
500
1.50
300
AIMC-0603-R18
180
J, K
8
50
400
1.80
300
AIMC-0603-R22
220
J, K
8
50
400
2.10
300
AIMC-0603-R27
270
J, K
8
50
350
2.40
300
Test Conditions and equipments
L, Q: HP4291 Impedance Analyzer, 100MHz, 50mV
DCR: HP4263A LCR meter
SRF: HP4291 Impedance analyzer, HP8753 Network
analyzer
Ir: DC Power Supplier, Current Meter, Thermometer.
ΔL/L (initial) ≥ -5% or ΔT ≤ 20˚C
Unless otherwise specified
Temperature : Ordinary Temperature ( 5 to 35°C)
Humidity : Ordinary Humidity (25 to 85% RH)
Atmospheric Pressure : 86 to 106 kPa


Similar Part No. - AIMC-0603-33N

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIMC-0603 ABRACON-AIMC-0603 Datasheet
60Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
More results

Similar Description - AIMC-0603-33N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0402HQ ABRACON-AIMC-0402HQ Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
logo
Sumida Corporation
SCI-B2012-10N SUMIDA-SCI-B2012-10N Datasheet
357Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0402 ABRACON-AIMC-0402 Datasheet
60Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
logo
Sumida Corporation
SCI-B1005-10N SUMIDA-SCI-B1005-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B0603-10N SUMIDA-SCI-B0603-10N Datasheet
358Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0201 ABRACON-AIMC-0201 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.02.11
logo
Frontier Electronics.
TF160808 FRONTIER-TF160808_15 Datasheet
115Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
logo
Shanghai Leiditech Elec...
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
   SMD Ceramic Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com