Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APG1608CGKCT Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APG1608CGKCT
Description  1.6X0.8mm SMD CHIP LED LAMP (0.25mm Height)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APG1608CGKCT Datasheet(HTML) 2 Page - Kingbright Corporation

  APG1608CGKCT Datasheet HTML 1Page - Kingbright Corporation APG1608CGKCT Datasheet HTML 2Page - Kingbright Corporation APG1608CGKCT Datasheet HTML 3Page - Kingbright Corporation APG1608CGKCT Datasheet HTML 4Page - Kingbright Corporation APG1608CGKCT Datasheet HTML 5Page - Kingbright Corporation APG1608CGKCT Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAI5959
REV NO: V.5B
DATE: OCT/24/2012
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: C.H.HAN
ERP: 1203008081
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
3. Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to the CIE127-2007 compliant national standards.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APG1608CGKC/T
Green (AlGaInP)
Water Clear
20
50
120
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
574
nm
IF=20mA
λD [1]
Dominant Wavelength
Green
570
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
15
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
2.1
2.6
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR=5V
Parameter
Green
Units
Power dissipation
78
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Similar Part No. - APG1608CGKCT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APG1608CGKC-T KINGBRIGHT-APG1608CGKC-T Datasheet
293Kb / 5P
   Low power consumption
logo
HK TO-GRACE TECHNOLOGY ...
APG1608CGKC-T TO-GRACE-APG1608CGKC-T Datasheet
848Kb / 4P
   1.6 x 0.8 x 0.25 mm (0603) SMD Chip LED Lamp
More results

Similar Description - APG1608CGKCT

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZUYT53W-3 SUNLED-ZUYT53W-3 Datasheet
199Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APT1608SEC KINGBRIGHT-APT1608SEC Datasheet
99Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
AP1608SEC KINGBRIGHT-AP1608SEC Datasheet
103Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
AP1608CGCK KINGBRIGHT-AP1608CGCK Datasheet
121Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
APH1608RWF KINGBRIGHT-APH1608RWF_07 Datasheet
293Kb / 7P
   1.6X0.8mm SMD CHIP LED LAMP
APHK1608PBC-Z KINGBRIGHT-APHK1608PBC-Z Datasheet
297Kb / 5P
   1.6x0.8mm SMD CHIP LED LAMP
APT1608MBC KINGBRIGHT-APT1608MBC_07 Datasheet
211Kb / 5P
   1.6X0.8mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2CR53W SUNLED-ZM2CR53W Datasheet
195Kb / 4P
   1.6x0.8mm SMD CHIP LED LAMP
ZMO53W-3 SUNLED-ZMO53W-3 Datasheet
191Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
ZURT53W-3 SUNLED-ZURT53W-3 Datasheet
192Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com