Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT30S20SG Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT30S20SG
Description  HIGH VOLTAGE SCHOTTKY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30S20SG Datasheet(HTML) 1 Page - Advanced Power Technology

  APT30S20SG Datasheet HTML 1Page - Advanced Power Technology APT30S20SG Datasheet HTML 2Page - Advanced Power Technology APT30S20SG Datasheet HTML 3Page - Advanced Power Technology APT30S20SG Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
12
1 - Cathode
2 - Anode
Back of Case - Cathode
APT30S20B
(G) 200V 45A
APT30S20S
(G) 200V 45A
TO-247
1
2
APT Website - http://www.advancedpower.com
D3PAK
1
2
STATIC ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
PRODUCT BENEFITS
Low Losses
Low Noise Switching
Cooler Operation
Higher Reliability Systems
Increased System Power
Density
PRODUCT FEATURES
Ultrafast Recovery Times
Soft Recovery Characteristics
Popular TO-247 Package or
Surface Mount D3PAK Package
Low Forward Voltage
High Blocking Voltage
Low Leakage Current
HIGH VOLTAGE SCHOTTKY DIODE
PRODUCT APPLICATIONS
Parallel Diode
-Switchmode Power Supply
-Inverters
Free Wheeling Diode
-Motor Controllers
-Converters
Snubber Diode
Uninterruptible Power Supply (UPS)
48 Volt Output Rectifiers
High Speed Rectifiers
Symbol
V
F
I
RM
C
T
UNIT
Volts
mA
pF
MIN
TYP
MAX
.80
.85
.91
.67
0.5
15
150
Forward Voltage
Maximum Reverse Leakage Current
Junction Capacitance, V
R
= 200V
I
F
= 30A
I
F
= 60A
I
F
= 30A, T
J
= 125°C
V
R
= V
R
Rated
V
R
= V
R
Rated, T
J
= 125°C
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C
= 125°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty)
Non-Repetitive Forward Surge Current (T
J
= 45°C, 8.3ms)
Operating and StorageTemperature Range
Lead Temperature Case for 10 Sec.
Avalanche Energy (2A, 15mH)
Symbol
V
R
V
RRM
V
RWM
I
F
(AV)
I
F
(RMS)
I
FSM
T
J
,T
STG
T
L
E
VAL
UNIT
Volts
Amps
°C
mJ
APT30S20B_S
(G)
200
45
121
320
-55 to 150
300
30
*G Denotes RoHS Compliant, Pb Free Terminal Finish.


Similar Part No. - APT30S20SG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30S20S ADPOW-APT30S20S Datasheet
63Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
More results

Similar Description - APT30S20SG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD92 CENTRAL-CPD92 Datasheet
178Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CPD102X CENTRAL-CPD102X Datasheet
717Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CPD92V CENTRAL-CPD92V Datasheet
157Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CMLD6263 CENTRAL-CMLD6263_15 Datasheet
511Kb / 3P
   HIGH VOLTAGE SCHOTTKY DIODE
logo
Microsemi Corporation
APT2X101S20J MICROSEMI-APT2X101S20J Datasheet
221Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT100S20LCT MICROSEMI-APT100S20LCT Datasheet
201Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20K MICROSEMI-APT15S20K Datasheet
127Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20KG MICROSEMI-APT15S20KG Datasheet
127Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT60S20BG MICROSEMI-APT60S20BG Datasheet
2Mb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20KCT MICROSEMI-APT15S20KCT Datasheet
182Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
logo
Advanced Power Technolo...
APT15S20BCT ADPOW-APT15S20BCT Datasheet
57Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com