Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9CRE0412P5J03 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9CRE0412P5J03
Description  Counter Rotating Fan San Ace 40
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9CRE0412P5J03 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9CRE0412P5J03 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9CRE0412P5J03 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
200
(Pa)
400
500
600
700
(inch H2O)
(CFM)
(m3/min)
→ 風量
1.6
2.8
2.4
2.0
1.2
0.4
0.8
0
0
5 10 15 20 25 30 35
0.7
0.6
0.5
0.4
0.2
0
0.1
0.3
0.8 0.9 1.0
100
200
300
DC 12V
PWM
デューティ
100%
50%
0%
9CRE0412P5J03
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
PWM
デューティ100%
400
500
600
700
1.6
2.8
2.4
2.0
1.2
0.4
0.8
00
100
200
300
0
5 10 15 20 25 30 35
0.7
0.6
0.5
0.4
0.2
0.1
0.3
0.8 0.9 1.0
13.2V
12V
10.8V
9CRE0412P5J03
PWM
デューティサイクル(%)
電圧:DC12V
PWM
周波数:25kHz
0
0
100
15,000
10,000
5,000
20,000
2,850min-1
2,250min-1
15,800min-1
12,200min-1
吐出側
吸込側
9CRE0412P5J03
Air Flow - Static Pressure Characteristics
PWM Duty Cycle
Operating Voltage Range
PWM Duty Cycle 100%
PWM Duty Cycle
Air Flow
Air Flow
PWM Duty Cycle%
Voltage12V DC
PWM Frequency25kHz
Inlet
Outlet
PWM Duty - Speed Characteristics Example


Similar Part No. - 9CRE0412P5J03

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9CRE0612P0G001 SANYODENKI-9CRE0612P0G001 Datasheet
160Kb / 2P
   Counter Rotating Fan San Ace 60 9CRE type
9CRE0812P8G001 SANYODENKI-9CRE0812P8G001 Datasheet
175Kb / 2P
   Counter Rotating Fan San Ace 80 9CRE type
More results

Similar Description - 9CRE0412P5J03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9CRB0412P5S201 ETC2-9CRB0412P5S201 Datasheet
137Kb / 2P
   Counter Rotating Fan San Ace 40
logo
SANYO DENKI CO., LTD.
9CRD0412P5J03 SANYODENKI-9CRD0412P5J03 Datasheet
231Kb / 3P
   Counter Rotating Fan San Ace 40 9CRD type
9CRJ0412P5J001 SANYODENKI-9CRJ0412P5J001 Datasheet
512Kb / 2P
   San Ace 40 9CRJ type Counter Rotating Fan
9CRV0412P5J201 SANYODENKI-9CRV0412P5J201 Datasheet
164Kb / 2P
   Counter Rotating Fan San Ace 40 9CRV type
9CRA0412P4K03 SANYODENKI-9CRA0412P4K03 Datasheet
263Kb / 3P
   Counter Rotating Fan San Ace 40 9CRA type
9CRH0412P5J001 SANYODENKI-9CRH0412P5J001 Datasheet
184Kb / 2P
   Counter Rotating Fan San Ace 40 9CRH type
logo
List of Unclassifed Man...
9CRA0812P8G001 ETC2-9CRA0812P8G001 Datasheet
163Kb / 2P
   Counter Rotating Fan San Ace 80
logo
SANYO DENKI CO., LTD.
9CR0612P5G03 SANYODENKI-9CR0612P5G03 Datasheet
205Kb / 2P
   Counter Rotating Fan San Ace 60 9CR type
9CRE0612P0G001 SANYODENKI-9CRE0612P0G001 Datasheet
160Kb / 2P
   Counter Rotating Fan San Ace 60 9CRE type
9CRB0812P8G001 SANYODENKI-9CRB0812P8G001 Datasheet
220Kb / 2P
   Counter Rotating Fan San Ace 80 9CRB type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com