Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4011BT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4011BT
Description  Inputs and outputs are protected against electrostatic effects
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4011BT Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4011BT Datasheet HTML 1Page - NXP Semiconductors HEF4011BT Datasheet HTML 2Page - NXP Semiconductors HEF4011BT Datasheet HTML 3Page - NXP Semiconductors HEF4011BT Datasheet HTML 4Page - NXP Semiconductors HEF4011BT Datasheet HTML 5Page - NXP Semiconductors HEF4011BT Datasheet HTML 6Page - NXP Semiconductors HEF4011BT Datasheet HTML 7Page - NXP Semiconductors HEF4011BT Datasheet HTML 8Page - NXP Semiconductors HEF4011BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HEF4011B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 21 November 2011
4 of 12
NXP Semiconductors
HEF4011B
Quad 2-input NAND gate
9.
Static characteristics
Table 6.
Static characteristics
VSS = 0 V; VI =VSS or VDD; unless otherwise specified.
Symbol Parameter
Conditions
VDD
Tamb = 40 C Tamb = +25 C Tamb = +85 C Tamb = +125 C Unit
Min
Max
Min
Max
Min
Max
Min
Max
VIH
HIGH-level
input voltage
I
O < 1 A
5 V
3.5
-
3.5
-
3.5
-
3.5
-
V
10 V
7.0
-7.0
-7.0
-
7.0
-
V
15 V
11.0
-
11.0
-
11.0
-
11.0
-
V
VIL
LOW-level
input voltage
I
O < 1 A
5 V
-
1.5
-
1.5
-
1.5
-
1.5
V
10 V
-
3.0
-
3.0
-
3.0
-
3.0
V
15 V
-
4.0
-
4.0
-
4.0
-
4.0
V
VOH
HIGH-level
output voltage
I
O < 1 A
5 V
4.95
-
4.95
-
4.95
-
4.95
-
V
10 V
9.95
-
9.95
-
9.95
-
9.95
-
V
15 V
14.95
-
14.95
-
14.95
-
14.95
-
V
VOL
LOW-level
output voltage
I
O < 1 A
5 V
-
0.05
-
0.05
-
0.05
-
0.05
V
10 V
-
0.05
-
0.05
-
0.05
-
0.05
V
15 V
-
0.05
-
0.05
-
0.05
-
0.05
V
IOH
HIGH-level
output current
VO = 2.5 V
5 V
-
1.7
-
1.4
-
1.1
-
1.1
mA
VO = 4.6 V
5 V
-
0.64
-
0.5
-
0.36
-
0.36 mA
VO = 9.5 V
10 V
-
1.6
-
1.3
-
0.9
-
0.9
mA
VO = 13.5 V
15 V
-
4.2
-
3.4
-
2.4
-
2.4
mA
IOL
LOW-level
output current
VO = 0.4 V
5 V
0.64
-
0.5
-
0.36
-
0.36
-
mA
VO = 0.5 V
10 V
1.6
-
1.3
-
0.9
-
0.9
-
mA
VO = 1.5 V
15 V
4.2
-
3.4
-
2.4
-
2.4
-
mA
II
input leakage
current
15 V
-
0.1
-
0.1
-
1.0
-
1.0
A
IDD
supply current
all valid input
combinations;
IO =0A
5 V
-
0.25
-
0.25
-
7.5
-
7.5
A
10 V
-
0.5
-
0.5
-
15.0
-
15.0
A
15 V
-
1.0
-
1.0
-
30.0
-
30.0
A
CI
input
capacitance
---
7.5
--
-
-
pF


Similar Part No. - HEF4011BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4011BT PHILIPS-HEF4011BT Datasheet
25Kb / 3P
   Quadruple 2-input NAND gate
January 1995
logo
Nexperia B.V. All right...
HEF4011BT NEXPERIA-HEF4011BT Datasheet
974Kb / 11P
   Quad 2-input NAND gate
Rev. 6 - 10 December 2015
HEF4011BT-Q100 NEXPERIA-HEF4011BT-Q100 Datasheet
789Kb / 11P
   Quad 2-input NAND gate
More results

Similar Description - HEF4011BT

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701230 PHOENIX-2701230 Datasheet
166Kb / 5P
   The outputs are protected against short circuit and overload.
logo
Micross Components
MT5C1009 MICROSS-MT5C1009 Datasheet
199Kb / 17P
   All inputs and outputs are TTL compatible
MT5C2568 MICROSS-MT5C2568 Datasheet
217Kb / 17P
   All inputs and outputs are TTL compatible
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
   All inputs and outputs are TTL-compatible
AS5C4008 MICROSS-AS5C4008 Datasheet
141Kb / 17P
   All inputs and outputs are TTL-compatible
logo
C&K Components
KSB CK-COMPONENTS-KSB Datasheet
91Kb / 4P
   Protected against flux
logo
STMicroelectronics
STEVAL-ISA116V1 STMICROELECTRONICS-STEVAL-ISA116V1 Datasheet
106Kb / 4P
   Fully protected against faults
February 2013 Rev 1
logo
IK Semicon Co., Ltd
IN74LS157 IKSEMICON-IN74LS157 Datasheet
192Kb / 4P
   Buffered Inputs and Outputs
logo
Maxim Integrated Produc...
MAX8855EVKIT MAXIM-MAX8855EVKIT Datasheet
258Kb / 11P
   Fully Protected Against Overcurrent, Short Circuit, and Overtemperature
Rev 0; 10/10
logo
M/A-COM Technology Solu...
MAAM-011169 MA-COM-MAAM-011169 Datasheet
1Mb / 10P
   Differential Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com