Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4015BT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4015BT
Description  Tolerant of slow clock rise and fall times
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4015BT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HEF4015BT Datasheet HTML 2Page - NXP Semiconductors HEF4015BT Datasheet HTML 3Page - NXP Semiconductors HEF4015BT Datasheet HTML 4Page - NXP Semiconductors HEF4015BT Datasheet HTML 5Page - NXP Semiconductors HEF4015BT Datasheet HTML 6Page - NXP Semiconductors HEF4015BT Datasheet HTML 7Page - NXP Semiconductors HEF4015BT Datasheet HTML 8Page - NXP Semiconductors HEF4015BT Datasheet HTML 9Page - NXP Semiconductors HEF4015BT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HEF4015B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 21 November 2011
6 of 15
NXP Semiconductors
HEF4015B
Dual 4-bit static shift register
11. Dynamic characteristics
[1]
The typical values of the propagation delay and transition times are calculated from the extrapolation formulas shown (CL in pF).
Table 7.
Dynamic characteristics
VSS = 0 V; CL = 50 pF; Tamb = 25 C.
Symbol
Parameter
Conditions
VDD
Extrapolation formula[1] Min
Typ
Max
Unit
tPHL
HIGH to LOW
propagation delay
nCP to Qn;
see Figure 4
5 V
103 ns + (0.55 ns/pF)CL
-
130
260
ns
10 V
44 ns + (0.23 ns/pF)CL
-
55
110
ns
15 V
32 ns + (0.16 ns/pF)CL
-
4080ns
nMR to Qn;
see Figure 6
5 V
78 ns + (0.55 ns/pF)CL
-
105
210
ns
10 V
34 ns + (0.23 ns/pF)CL
-
4590ns
15 V
27 ns + (0.16 ns/pF)CL
-
3570ns
tPLH
LOW to HIGH
propagation delay
nCP to Qn
see Figure 4
5 V
93 ns + (0.55 ns/pF)CL
-
120
240
ns
10 V
44 ns + (0.23 ns/pF)CL
-
55
110
ns
15 V
32 ns + (0.16 ns/pF)CL
-
4080ns
tt
transition time
see Figure 4
5 V
10 ns + (1.00 ns/pF)CL
-60
120
ns
10 V
9 ns + (0.42 ns/pF)CL
-
3060ns
15 V
6 ns + (0.28 ns/pF)CL
-
2040ns
tsu
set-up time
nD to nCP;
see Figure 5
5 V
+25
15
-
ns
10 V
+25
10
-
ns
15 V
+20
5-
ns
th
hold time
nD to nCP;
see Figure 5
5 V
40
20
-
ns
10 V
20
10
-
ns
15 V
15
8
-
ns
tW
pulse width
nCP LOW;
minimum width;
see Figure 5
5 V
60
30
-
ns
10 V
30
15
-
ns
15 V
20
10
-
ns
nMR HIGH;
minimum width;
see Figure 6
5 V
80
40
-
ns
10 V
30
15
-
ns
15 V
24
12
-
ns
trec
recovery time
pin nMR;
see Figure 6
5 V
50
20
-
ns
10 V
30
10
-
ns
15 V
20
5
-
ns
fmax
maximum frequency
see Figure 5
5 V
7
15
-
MHz
10 V
15
30
-
MHz
15 V
22
44
-
MHz


Similar Part No. - HEF4015BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4015BT PHILIPS-HEF4015BT Datasheet
58Kb / 5P
   Dual 4-bit static shift register
January 1995
logo
Nexperia B.V. All right...
HEF4015BT NEXPERIA-HEF4015BT Datasheet
213Kb / 11P
   Dual 4-bit static shift register
Rev. 10 - 26 November 2021
More results

Similar Description - HEF4015BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
M/A-COM Technology Solu...
M02067 MA-COM-M02067 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
logo
Maxim Integrated Produc...
MAX3748 MAXIM-MAX3748_11 Datasheet
370Kb / 13P
   Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
logo
Texas Instruments
TPS2145 TI-TPS2145_08 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145 TI-TPS2145 Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
   Precise detection of power voltage fall: 2.5%
logo
Systemsensor advanced i...
5251RP SYSTEMSENSOR-5251RP Datasheet
41Kb / 4P
   Rate-of-Rise Temperature Sensor
logo
Cypress Semiconductor
MB3793-34A CYPRESS-MB3793-34A Datasheet
949Kb / 26P
   Precise detection of power voltage fall: ?깍?2.5%
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com