Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C1016-55BIN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS6C1016-55BIN
Description  64K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS6C1016-55BIN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS6C1016-55BIN Datasheet HTML 1Page - List of Unclassifed Manufacturers AS6C1016-55BIN Datasheet HTML 2Page - List of Unclassifed Manufacturers AS6C1016-55BIN Datasheet HTML 3Page - List of Unclassifed Manufacturers AS6C1016-55BIN Datasheet HTML 4Page - List of Unclassifed Manufacturers AS6C1016-55BIN Datasheet HTML 5Page - List of Unclassifed Manufacturers AS6C1016-55BIN Datasheet HTML 6Page - List of Unclassifed Manufacturers AS6C1016-55BIN Datasheet HTML 7Page - List of Unclassifed Manufacturers AS6C1016-55BIN Datasheet HTML 8Page - List of Unclassifed Manufacturers AS6C1016-55BIN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AS6C1016
64K X 16 BIT LOW POWER CMOS SRAM
Alliance Memory, Inc.
Rev. 1.4
2
PIN CONFIGURATION
A1
A2
A3
A4
DQ15
DQ0
DQ1
DQ2
Vcc
Vss
NC
A15
DQ14
DQ12
DQ13
DQ11
Vss
Vcc
DQ10
DQ9
DQ3
DQ4
TSOP II
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A14
A0
DQ6
DQ7
A5
A6
A7
A8
A9
DQ5
DQ8
A13
A12
NC
A10
NC
34
29
30
31
32
33
44
39
40
41
42
43
35
36
37
38
A11
CE#
WE#
LB#
UB#
OE#
TF B GA
NC
A3
A10
A9
A11
A0
A14
A8
NC
WE#
DQ9
DQ14
DQ15
NC
Vss
NC
A13
DQ8
Vcc
Vcc
DQ7
A15
Vss
CE#
LB#
DQ6
DQ2
DQ0
A2
OE#
A1
A6
A5
A4
UB#
1
2
3
4
5
6
H
G
C
D
E
F
A
B
A12
NC
NC
A7
NC
DQ10
DQ11
DQ12
DQ13
DQ5
DQ4
DQ3
DQ1
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 6.5
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
*Stresses greater than those
listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.


Similar Part No. - AS6C1016-55BIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C1016 ALSC-AS6C1016 Datasheet
449Kb / 13P
   Fully static operation
More results

Similar Description - AS6C1016-55BIN

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416 LYONTEK-LY626416_16 Datasheet
701Kb / 16P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62W6416 LYONTEK-LY62W6416_17 Datasheet
796Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L6416 ETC1-UT62L6416 Datasheet
193Kb / 12P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY626416 LYONTEK-LY626416 Datasheet
179Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com