Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-6045S-4R3 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-6045S-4R3
Description  Wire Wound Magnetically Shielded SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-6045S-4R3 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-6045S-4R3 Datasheet HTML 1Page - Abracon Corporation ASPI-6045S-4R3 Datasheet HTML 2Page - Abracon Corporation ASPI-6045S-4R3 Datasheet HTML 3Page - Abracon Corporation ASPI-6045S-4R3 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ASPI-6045S
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 02.05.14
Visit www.abracon.com for Terms & Conditions of Sale
Wire Wound Magnetically Shielded SMD Power Inductor
6.0 x 6.0 x 4.5mm
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
ASPI-6045S -
-
*M for 4.3µH~330µH
*N for 0.82µH~3.6µH
Inductance Code
Please refer to the
table above
Tolerance
M: ±20% *
N: ±30% *
Packaging
T: Tape and Reel
(1,500kpcs / reel)
PART IDENTICATION:
A
B
C Max.
D
E
F
a Typ.
b Typ.
c Typ.
6.0±0.3
6.0±0.3 4.5Max. 4.9±0.3
1.55±0.3
2.9±0.3 2.8Typ. 1.7Typ.
5.7Typ
Recommended Land Pattern
OUTLINE DIMENSIONS:


Similar Part No. - ASPI-6045S-4R3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-6P-XXX ABRACON-ASPI-6P-XXX Datasheet
180Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
More results

Similar Description - ASPI-6045S-4R3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-2010HC ABRACON-ASPI-2010HC Datasheet
1Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
ASPI-2012 ABRACON-ASPI-2012 Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
12.18.13
ASPI-4030S ABRACON-ASPI-4030S Datasheet
2Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
03.09.13
ASPI-8040S ABRACON-ASPI-8040S Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.03.14
ASPI-2010 ABRACON-ASPI-2010 Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-4020S ABRACON-ASPI-4020S Datasheet
2Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
03.07.13
logo
HALO Electronics, Inc.
HPC104N-R22MTR HALO-HPC104N-R22MTR Datasheet
1,019Kb / 6P
   SMD, Magnetically Shielded Power Inductor
logo
Sumida Corporation
252010CDMCDS SUMIDA-252010CDMCDS Datasheet
155Kb / 2P
   SMD Power Inductor, Magnetically shielded
logo
AiT Semiconductor Inc.
WSI AITSEMI-WSI Datasheet
2Mb / 23P
   WIRE WOUND SMD INDUCTOR
logo
Frontier Electronics.
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com