Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9GA0712P1H001(0011) Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9GA0712P1H001(0011)
Description  Low Power Consumpion Fan San Ace 70
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9GA0712P1H001(0011) Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9GA0712P1H001(0011) Datasheet HTML 1Page - List of Unclassifed Manufacturers 9GA0712P1H001(0011) Datasheet HTML 2Page - List of Unclassifed Manufacturers 9GA0712P1H001(0011) Datasheet HTML 3Page - List of Unclassifed Manufacturers 9GA0712P1H001(0011) Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
T
T1
VIL
VIH
Output circuit : Open collector
VCE=+13.8V MAX.
Ic5mA MAX.VCESAT)=0.6V MAX.
Specifications for Pulse Sensors
Inside of DC fan
○ −
○ +
Sensor output
Sensor
Pull-up resistor
Pull-up voltage
Ic
T14≒(1/4T0
T14≒(1/4T060/4Nsec
NFan speedmin-1
T0
One revolution
T1
0V
VOL
VOH
T2
T3
T4
In case of steady running
Output Waveform (Need pull-up resistor)
Isource
Isink
Control
PWM Input Signal
DC fan input voltage
Inside of DC fan
Example of Connection Schematic
PWM Input Signal Example
Input Signal Waveform
T ×100
T1
T
1
VIH=4.75V to 5.25V
VIL=0V to 0.4V
PWM Duty Cycle(%)=
PWM Frequency 25(kHz)=
Source Current(Isource): 1mA Max. at control voltage 0V
Sink Current(Isink): 1mA Max. at control voltage 5.25V
Control Terminal Voltage : 5.25V Max. (Open Circuit)
When the control lead wire is open,
speed is same as one at 100% PWM duty cycle.
This fan speed should be controlled by PWM input signal of either
TTL input or open collector, drain input.
VCE
70
70×70×38mm
GA type
80×80×80mm
PWM Duty - Speed Characteristics Example
9GA0712P1G001(0011)
9GA0712P1H001(0011)
2,000
0
4,000
6,000
8,000
10,000
12,000
14,000
16,000
18,000
100
0
100
0
16,500min-1
12,000min-1
2,000
0
4,000
6,000
8,000
10,000
12,000
14,000
VoltageDC12V
PWM Frequency25kHz
VoltageDC12V
PWM Frequency25kHz
PWM Duty Cycle%
PWM Duty Cycle%
Air Flow - Static Pressure Characteristics
・ PWM Duty Cycle
・ Operating Voltage Range
→ Air flow
→ Air flow
PWM Duty Cycle 100
→ Air flow
PWM Duty Cycle 100
→ Air flow
(CFM)
(m3/min)
(CFM)
(m3/min)
(Pa)
DC 12V
inch H2O
(Pa)
inch H2O
9GA0712P1H001(0011)
9GA0712P1H001(0011)
(Pa)
DC 12V
inch H2O
9GA0712P1G001(0011)
(Pa)
inch H2O
9GA0712P1G001(0011)
(CFM)
(m3/min)
(CFM)
(m3/min)
0
3
0
0.5
20
0
200
1
2
40
60
80
100
400
600
800
1,000
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
3
0
0.5
20
0
200
1
2
40
60
80
100
400
600
800
1,000
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0
0.5
20
0
100
0.5
1.0
1.5
2.0
2.5
40
60
80
200
300
400
500
600
1.0
1.5
2.0
0
0
0.5
20
0
100
0.5
1.0
1.5
2.0
2.5
40
60
80
200
300
400
500
600
1.0
1.5
2.0
0%
PWM
Duty Cycle
100%
0%
50%
13.2V
12V
10.8V
13.2V
12V
10.8V
50%
PWM
Duty Cycle
100%


Similar Part No. - 9GA0712P1H001(0011)

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9GA0712P1H001 SANYODENKI-9GA0712P1H001 Datasheet
168Kb / 2P
   San Ace 70 9GA type
More results

Similar Description - 9GA0712P1H001(0011)

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9GA0712P1G001 SANYODENKI-9GA0712P1G001 Datasheet
168Kb / 2P
   San Ace 70 9GA type
logo
List of Unclassifed Man...
9GA0812P7G001 ETC2-9GA0812P7G001 Datasheet
181Kb / 4P
   DC Fan San Ace 80
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
9GV0812P4K03 ETC2-9GV0812P4K03 Datasheet
180Kb / 4P
   DC Fan San Ace 80
9GV2048P0G201NOTE1 ETC2-9GV2048P0G201NOTE1 Datasheet
178Kb / 2P
   DC Fan San Ace 200
9HV0812P1G001 ETC2-9HV0812P1G001 Datasheet
138Kb / 2P
   DC Fan San Ace 80
109P0912J401 ETC-109P0912J401 Datasheet
148Kb / 2P
   DC Fan San Ace 92
9GA0812P4J001 ETC2-9GA0812P4J001 Datasheet
198Kb / 4P
   DC Fan San Ace 80
9GA0912P1H03 ETC2-9GA0912P1H03 Datasheet
159Kb / 2P
   DC Fan San Ace 92
109P0812A201 ETC-109P0812A201 Datasheet
123Kb / 2P
   DC Fan San Ace 80
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com