Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMR1-04 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMR1-04
Description  GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMR1-04 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMR1-04 Datasheet HTML 1Page - Central Semiconductor Corp CMR1-04 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
218
SMB CASE
CMR1-02
CMR1-04
CMR1-06
CMR1-10
GENERAL PURPOSE RECTIFIER
1.0 AMP, 200 THRU 1,000 VOLTS
DESCRIPTION: The CENTRAL SEMICONDUCTOR 1.0 Amp Surface Mount Silicon Rectifier is a
high quality, well constructed, highly reliable component designed for use in all types of
commercial, industrial, entertainment, computer, and automotive applications. To order devices
on 12mm Tape and Reel (3000/13" Reel), add TR13 suffix to part number.
FEATURES:
LOW COST
HIGH RELIABILITY
SPECIAL SELECTIONS AVAILABLE
GLASS PASSIVATED CHIP
SUPERIOR LOT TO LOT CONSISTENCY
“C” BEND CONSTRUCTION PROVIDES
STRAIN RELIEF WHEN MOUNTED ON PC
BOARD
MAXIMUM RATINGS: (TA=25oC unless otherwise noted)
SYMBOL CMR1-02 CMR1-04
CMR1-06
CMR1-10 UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
1000
V
DC Blocking Voltage
VR
200
400
600
1000
V
RMS Reverse Voltage
VR(RMS)
140
280
420
700
V
Average Forward Current(TA=75
oC) IO
1.0
A
Peak Forward Surge Current (8.3ms) IFSM
30
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +175
oC
Thermal Resistance
ΘJL
20
oC/W
ELECTRICAL CHARACTERISTICS: (TA=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
VF
IF=1.0A
1.1
V
IR
VR=Rated VRRM
10
µA
IR
VR=Rated VRRM, TA=125oC
50
µA


Similar Part No. - CMR1-04

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR1-04 CENTRAL-CMR1-04 Datasheet
295Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMR1-04 CENTRAL-CMR1-04 Datasheet
295Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
CMR1-04M CENTRAL-CMR1-04M Datasheet
86Kb / 2P
   GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
CMR1-04M CENTRAL-CMR1-04M Datasheet
284Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP
CMR1-04M CENTRAL-CMR1-04M Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
More results

Similar Description - CMR1-04

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR1-02M CENTRAL-CMR1-02M Datasheet
86Kb / 2P
   GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
CMR3-02 CENTRAL-CMR3-02 Datasheet
82Kb / 2P
   GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 1,000 VOLTS
CMR1F-02M CENTRAL-CMR1F-02M Datasheet
86Kb / 2P
   FAST RECOVERY RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
1N4383 CENTRAL-1N4383 Datasheet
60Kb / 1P
   1.0 AMP RECTIFIER 200 THRU 1000 VOLTS
CMR2-02 CENTRAL-CMR2-02 Datasheet
370Kb / 2P
   GENERAL PURPOSE RECTIFIER 2.0 AMP, 200 THUR 1,000 VOLTS
CMMR1 CENTRAL-CMMR1 Datasheet
72Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1.0 AMP, 200 THRU 1000 VOLTS
CLLRH CENTRAL-CLLRH Datasheet
65Kb / 2P
   GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
1N5059 CENTRAL-1N5059 Datasheet
65Kb / 2P
   GLASS PASSIVATED RECTIFIER 1.0 AMP, 200 THRU 800 VOLTS
1N3611 CENTRAL-1N3611 Datasheet
112Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE SILICON RECTIFIERS 1.0 AMP, 200 THRU 1000 VOLTS
CPR4-020 CENTRAL-CPR4-020 Datasheet
77Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 600 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com