Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV4096A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV4096A
Description  4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV4096A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV4096A Datasheet HTML 1Page - ATMEL Corporation AT49BV4096A Datasheet HTML 2Page - ATMEL Corporation AT49BV4096A Datasheet HTML 3Page - ATMEL Corporation AT49BV4096A Datasheet HTML 4Page - ATMEL Corporation AT49BV4096A Datasheet HTML 5Page - ATMEL Corporation AT49BV4096A Datasheet HTML 6Page - ATMEL Corporation AT49BV4096A Datasheet HTML 7Page - ATMEL Corporation AT49BV4096A Datasheet HTML 8Page - ATMEL Corporation AT49BV4096A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Features
Single-voltage Read/Write Operation: 2.7V to 3.6V (BV), 3.0V to 3.6V (LV)
Fast Read Access Time – 70 ns
Internal Erase/Program Control
Sector Architecture
– One 8K Word (16K Bytes) Boot Block with Programming Lockout
– Two 4K Word (8K Bytes) Parameter Blocks
– One 240K Word (480K Bytes) Main Memory Array Block
Fast Sector Erase Time – 10 Seconds
Byte-by-byte or Word-by-word Programming – 30 µs Typical
Hardware Data Protection
Data Polling for End of Program Detection
Low Power Dissipation
– 25 mA Active Current
– 50 µA CMOS Standby Current
Typical 10,000 Write Cycles
Description
The AT49BV/LV4096A is a 3-volt, 4-megabit Flash memory organized as 524,288
words of 8 bits each or 256K words of 16 bits each. Manufactured with Atmel’s
advanced nonvolatile CMOS technology, the device offers access times to 70 ns with
power dissipation of just 67 mV at 2.7V read. When deselected, the CMOS standby
current is less than 50 µA.
The device contains a user-e na bled “boot block” prot ection fe ature. Th e
AT49BV/LV4096A locates the boot block at lowest order addresses (“bottom boot”).
To allow for simple in-system reprogrammability, the AT49BV/LV4096A does not
require high input voltages for programming. Reading data out of the device is similar
to reading from an EPROM; it has standard CE, OE and WE inputs to avoid bus con-
tention. Reprogramming the AT49BV/LV4096A is performed by first erasing a block of
data and then programming on a byte-by-byte or word-by-word basis.
Pin Configurations
Pin Name
Function
A0 - A17
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
VPP
VPP can be left unconnected or connected to VCC, GND, 5V or
12V. The input has no effect on the operation of the device.
I/O0 - I/O15
Data Inputs/Outputs
I/O15(A-1)
I/O15 (Data Input/Output, Word Mode)
A-1 (LSB Address Input, Byte Mode)
BYTE
Selects Byte or Word Mode
NC
No Connect
4-megabit
(512K x 8/
256K x 16)
Single 2.7-volt
Battery-Voltage
Flash Memory
AT49BV4096A
AT49LV4096A
Rev. 1618H–FLASH–4/04
Not Recommended
for New Design
Contact Atmel to discuss
the latest design in trends
and options


Similar Part No. - AT49BV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV4096A ATMEL-AT49BV4096A Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12RC ATMEL-AT49BV4096A-12RC Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12RI ATMEL-AT49BV4096A-12RI Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12TC ATMEL-AT49BV4096A-12TC Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12TI ATMEL-AT49BV4096A-12TI Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results

Similar Description - AT49BV4096A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
   4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com