Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTG20N60C3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HGTG20N60C3
Description  45A, 600V, UFS Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTG20N60C3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HGTG20N60C3 Datasheet HTML 1Page - Fairchild Semiconductor HGTG20N60C3 Datasheet HTML 2Page - Fairchild Semiconductor HGTG20N60C3 Datasheet HTML 3Page - Fairchild Semiconductor HGTG20N60C3 Datasheet HTML 4Page - Fairchild Semiconductor HGTG20N60C3 Datasheet HTML 5Page - Fairchild Semiconductor HGTG20N60C3 Datasheet HTML 6Page - Fairchild Semiconductor HGTG20N60C3 Datasheet HTML 7Page - Fairchild Semiconductor HGTG20N60C3 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HGTG20N60C3, HGTP20N60C3, HGT1S20N60C3S Rev. B
FIGURE 5. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 6. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 7. TURN-ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 8. TURN-OFF ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 9. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
02
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
20
8
4
80
60
40
100
610
PULSE DURATION = 250
µs
DUTY CYCLE <0.5%, VGE = 10V
TC = -55
oC
TC = 150
oC
TC = 25
oC
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
150
200
250
300
02
3
0
50
14
100
DUTY CYCLE <0.5%, VGE = 15V
PULSE DURATION = 250
µs
TC = 150
oC
TC = -55
oC
TC = 25
oC
56
2.5
1.5
ICE, COLLECTOR TO EMITTER CURRENT (A)
2.0
1.0
0.5
20
10
25
15
5
3.0
0
30
35
40
TJ = 25
oC, T
J = 150
oC, V
GE = 15V
TJ = 25
oC, T
J = 150
oC, V
GE = 10V
RG = 10Ω, L = 1mH, VCE = 480V
3.5
4.0
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
0.5
25
20
10
15
5
1.0
2.5
2.0
1.5
30
35
40
3.0
TJ = 25
oC; V
GE = 10V OR 15V
TJ = 150
oC; V
GE = 10V OR 15V
RG = 10Ω, L = 1mH, VCE = 480V
ICE, COLLECTOR TO EMITTER CURRENT (A)
20
10
15
5
25
30
35
40
40
30
20
35
25
45
50
RG = 10Ω, L = 1mH, VCE = 480V
TJ = 25
oC, T
J = 150
oC, V
GE = 15V
TJ = 25
oC, T
J = 150
oC, V
GE = 10V
ICE, COLLECTOR TO EMITTER CURRENT (A)
25
0
50
75
125
100
150
10
15
540
30
20
35
25
175
200
TJ = 25
oC AND T
J = 150
oC, V
GE = 15V
TJ = 25
oC, T
J = 150
oC, V
GE = 10V
RG = 10Ω, L = 1mH, VCE = 480V
HGTG20N60C3, HGTP20N60C3, HGT1S20N60C3S


Similar Part No. - HGTG20N60C3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG20N60C3 FAIRCHILD-HGTG20N60C3 Datasheet
144Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG20N60C3 INTERSIL-HGTG20N60C3 Datasheet
81Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG20N60C3D INTERSIL-HGTG20N60C3D Datasheet
82Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG20N60C3R FAIRCHILD-HGTG20N60C3R Datasheet
107Kb / 6P
   40A, 600V, Rugged UFS Series N-Channel IGBTs
More results

Similar Description - HGTG20N60C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG20N60C3 INTERSIL-HGTG20N60C3 Datasheet
81Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG20N60C3 FAIRCHILD-HGTG20N60C3 Datasheet
144Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60C3 INTERSIL-HGTG30N60C3 Datasheet
99Kb / 6P
   63A, 600V, UFS Series N-Channel IGBT
January 2000
HGTG40N60B3 INTERSIL-HGTG40N60B3 Datasheet
76Kb / 7P
   70A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
154Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Harris Corporation
HGTG40N6 HARRIS-HGTG40N6 Datasheet
65Kb / 6P
   70A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG20N60C3D INTERSIL-HGTG20N60C3D Datasheet
82Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com