Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW24MUFL-SM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AW24MUFL-SM
Description  HARDWARE DESIGN GUIDE FOR ARTAFLEX WIRELESS MODULES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AW24MUFL-SM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AW24MUFL-SM Datasheet HTML 1Page - List of Unclassifed Manufacturers AW24MUFL-SM Datasheet HTML 2Page - List of Unclassifed Manufacturers AW24MUFL-SM Datasheet HTML 3Page - List of Unclassifed Manufacturers AW24MUFL-SM Datasheet HTML 4Page - List of Unclassifed Manufacturers AW24MUFL-SM Datasheet HTML 5Page - List of Unclassifed Manufacturers AW24MUFL-SM Datasheet HTML 6Page - List of Unclassifed Manufacturers AW24MUFL-SM Datasheet HTML 7Page - List of Unclassifed Manufacturers AW24MUFL-SM Datasheet HTML 8Page - List of Unclassifed Manufacturers AW24MUFL-SM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Artaflex Inc.
215 Konrad Crescent
File:
AN-121-0001-R2
Markham, Ontario, Canada
L3R8T9
Page 3 of 23
(905) 479-0148
http://www.artaflexmodules.com
1. Introduction
This document provides information on designing Artaflex wireless modules into
products that require 2.4 GHz ISM band wireless data transmission. A brief description
is provided for all the modules to aid in assisting the designer on selecting the right
model for the design. For more detailed information, please refer to engineering
datasheets or contact Artaflex technical sales/support.
To ensure optimal RF performance, suggested design guidelines are provided for
placement on PCB. Information on mating connectors on host board, solder reflow
temperature profiles for assembly and reworking information are also provided.
manufacturing are also provided.
Artaflex wireless modules operate in the 2.4 GHZ ISM band. The Falcon series
modules are based on Cypress Semiconductor CyFi chipset and offer seamless
compliance to the CyFi protocol. The modules are low power with transmitting data
rates up to 1Mb/s and operating range from 50 meters for embedded antenna devices
to 1 kilometer for devices equipped with a power amplifier. All modules are
FCC/EU/ETS/Industry Canada agency certified.
2. Main Features
Low operating current
Transmit power from 4dBm up to +21 dBm
Receive sensitivity up to –97 dBm
Sleep current <1-10 µA
Operating range from 10m to 1km or more depending on model and conditions
DSSS data rates up to 250 kbps, GFSK data rate of 1 Mbps
Auto Transaction Sequencer (ATS) - no micro controller intervention
Framing, Length, CRC16, and Auto ACK
Fast startup and fast channel changes
Separate 16-byte transmit and receive FIFOs
AutoRate™ - dynamic data rate reception
Receive Signal Strength Indication (RSSI)
4-MHz SPI microcontroller interface
No proprietary software required
Serial Peripheral Interface (SPI) control while in sleep mode
Operating voltage from 2.4 to 3.6 volts
Operating temperature from 0 to 70°C
Size: as small as 15mm(L) x 13.5(W) x 1.8mm(H)


Similar Part No. - AW24MUFL-SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AW24MUFL-H2 ETC2-AW24MUFL-H2 Datasheet
504Kb / 13P
   2.4GHz DSSS Micro Radio Module with Integrated Antenna
More results

Similar Description - AW24MUFL-SM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1693 STMICROELECTRONICS-UM1693 Datasheet
8Mb / 196P
   M0-7 standard high-side drivers hardware design guide
AN2867 STMICROELECTRONICS-AN2867 Datasheet
2Mb / 41P
   Oscillator design guide for STM8S
logo
Broadcom Corporation.
ADNK-6003 BOARDCOM-ADNK-6003 Datasheet
305Kb / 24P
   Design Guide
logo
STMicroelectronics
AN4218 STMICROELECTRONICS-AN4218 Datasheet
1Mb / 26P
   Hardware design guideline
logo
Silicon Laboratories
UG382 SILABS-UG382 Datasheet
1Mb / 26P
   WF200 Hardware Design
logo
Laird Tech Smart Techno...
SDC-MSD30AG LSTD-SDC-MSD30AG Datasheet
1Mb / 26P
   HARDWARE INTEGRATION GUIDE
logo
Silicon Laboratories
AN901 SILABS-AN901 Datasheet
634Kb / 25P
   DESIGN GUIDE FOR ISOLATED DC/DC
logo
STMicroelectronics
AN1709 STMICROELECTRONICS-AN1709 Datasheet
662Kb / 38P
   EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
logo
HiSilicon(Shanghai) Tec...
HI3531 HISILICON-HI3531 Datasheet
1Mb / 52P
   Hi3531/Hi3532 hardware design
2012-11-30
logo
STMicroelectronics
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
   SPC56EL60x hardware design guideline
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com