Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ7166 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AZ7166
Description  ML (AZ7) Limit Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AZ7166 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AZ7166 Datasheet HTML 1Page - Panasonic Semiconductor AZ7166 Datasheet HTML 2Page - Panasonic Semiconductor AZ7166 Datasheet HTML 3Page - Panasonic Semiconductor AZ7166 Datasheet HTML 4Page - Panasonic Semiconductor AZ7166 Datasheet HTML 5Page - Panasonic Semiconductor AZ7166 Datasheet HTML 6Page - Panasonic Semiconductor AZ7166 Datasheet HTML 7Page - Panasonic Semiconductor AZ7166 Datasheet HTML 8Page - Panasonic Semiconductor AZ7166 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
33
Actuator
Short push plunger
Cord outlet direction
Part No.
N.C.
COM
AZ7400
AZ7401
Push plunger
AZ7405
AZ7406
Hinge lever
AZ7410
AZ7411
Roller lever
AZ7415
AZ7416
One-way roller lever
AZ7420
AZ7421
Hinge short lever
AZ7425
AZ7426
Short roller lever
AZ7430
AZ7431
One-way short roller lever
AZ7435
AZ7436
Panel mount push plunger
AZ7440
AZ7441
Panel mount roller plunger
AZ7445
AZ7446
Panel mount cross roller plunger
AZ7450
AZ7451
Flexible rod
AZ7460
AZ7461
Actuator
Part No.
Short push plunger
Push plunger
Hinge lever
Roller lever
One-way roller lever
Hinge short lever
Short roller lever
One-way short roller lever
Panel mount push plunger
Panel mount roller plunger
Panel mount cross roller plunger
Flexible rod
AZ7100
AZ7110
AZ7120
AZ7121
AZ7124
AZ7140
AZ7141
AZ7144
AZ7310
AZ7311
AZ7312
AZ7166
FEATURES
1. Long life
High efficiency coil spring switching
mechanism for long life: More than 107
mechanical operations.
2. Great mechanical strength while
being compact and lightweight
The attachment pitch is 25.4mm
(1.000inch), same as for the Z basic
model microswitch. Also, the outer cover
cap uses a strong plastic with excellent
mechanical characteristics. An M4 bolt
can be used for the attachment.
3. The overtravel (O.T.) is large with
great shock absorption
4. The switch itself is constructed to
be dust-proof and oil resistant
The switch itself is closed flush with the
diaphragm and the compressed rubber
ring, so that the terminal mold type
(epoxy-sealed terminal type) is perfectly
flush with the terminal parts.
TYPICAL APPLICATIONS
Used in sequence control of food pro-
cessing machines, automatic packaging
machines, conveyers, and processors.
Ideal for light industry machinery when
installation pace is limited and a protec-
tive construction is sought.
PRODUCT TYPE
1. Standard type
Terminal mold types (epoxy-sealed terminal type) also available.
Standard type
(Short roller lever)
Notes) 1. When ordering an overseas-specified product,refer to the foreign
standards overview.
2. Cadmium free contact types are available on a custom-made basis.
Please add an “F” to the end of the part number when ordering.
2. Terminal mold type (epoxy-sealed terminal type)
COMPACT SIZE
LIMIT SWITCHES
ML (AZ7)
Limit Switches
RoHS Directive compatibility information
http://www.nais-e.com/


Similar Part No. - AZ7166

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7023R BCDSEMI-AZ7023R Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
AZ7023R-E1 BCDSEMI-AZ7023R-E1 Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
AZ7023RTR BCDSEMI-AZ7023RTR Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
AZ7023RTR BCDSEMI-AZ7023RTR Datasheet
160Kb / 13P
   VOLTAGE DETECTOR
AZ7023RTR-E1 BCDSEMI-AZ7023RTR-E1 Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
More results

Similar Description - AZ7166

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
   TEMPERATURE LIMIT SWITCH
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
   Multiple Limit Switch
logo
Festo Corporation.
8137105 FESTO-8137105 Datasheet
92Kb / 2P
   Limit switch box
7/20/22
8137098 FESTO-8137098 Datasheet
88Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com