Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ7421 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # AZ7421
Description  ML (AZ7) Limit Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AZ7421 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button AZ7421 Datasheet HTML 7Page - Panasonic Semiconductor AZ7421 Datasheet HTML 8Page - Panasonic Semiconductor AZ7421 Datasheet HTML 9Page - Panasonic Semiconductor AZ7421 Datasheet HTML 10Page - Panasonic Semiconductor AZ7421 Datasheet HTML 11Page - Panasonic Semiconductor AZ7421 Datasheet HTML 12Page - Panasonic Semiconductor AZ7421 Datasheet HTML 13Page - Panasonic Semiconductor AZ7421 Datasheet HTML 14Page - Panasonic Semiconductor AZ7421 Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
6
EN60947-5-1
EN standard same as IEC947-5-1
Utilization categories
The following examples express the
classification of switches by category
of use.
Rated impulse withstand voltage
(Uimp)
The peak impulse current value
which enables the switch to resist
without insulation breakdown.
Rated enclosed thermal current
(Ithe)
The current value that enables cur-
rent to flow without exceeding the
specified maximum temperature in
the recharging contact switch. If the
pins are made of brass, the maxi-
mum temperature limit is 65°C 149°F.
Conditional short circuit current
The current the switch can resist
until the short circuit protection
device is activated.
Short circuit protection device
A device that protects the switch
from short circuits through a circuit
break (breakers, fuses, etc.)
Switching overvoltage
The surge momentarily generated
when a circuit is closed. Must be
lower than the Uimp value.
Pollution degree
Expresses in levels the environment
in which the switch is used. The four
levels are shown below.
Limit switches come under contami-
nation level 3.
Glossary relating to the EN60947-5-1
Rated operational voltage (Ue)
The maximum rated voltage for
switch operation. This must never
exceed the maximum ratings insula-
tion voltage (Ui).
Rated operational current (Ie)
The maximum rated current for
switch operation.
Rated insulation voltage (Ui)
The maximum rated current value
which guards the switch’s insulation
functions, forming the parameters for
the resistance values and the mount-
ing distance.
Current
type
Category
Contents
AC
AC-15
Controls electromagnetic
loads in excess of 72VA
(Volt Amperes.)
DC
DC-12
Controls resistance
loads and semiconductor
loads.
Pollution
degree
Contents
1
No contamination or, even if conta-
mination is present, only non-con-
ducting contamination is generated.
2
Normally, only non-conducting cont-
amination is generated, but there
remains the possibility of temporary
conducting contamination when the
circuit is formed.
3
Conducting contamination is gener-
ated, or else dry non-conducting
contamination is generated by cir-
cuits which can be anticipated.
4
Permanent conducting contamina-
tion is generated by dust, rain,
snow, and other conductors.
TECHNICAL INFORMATION


Similar Part No. - AZ7421

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742-2A-110A ZETTLER-AZ742-2A-110A Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
AZ742-2A-110A ZETTLER-AZ742-2A-110A Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ742-2A-110A ZETTLER-AZ742-2A-110A Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
More results

Similar Description - AZ7421

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
   TEMPERATURE LIMIT SWITCH
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
   Multiple Limit Switch
logo
Festo Corporation.
8137105 FESTO-8137105 Datasheet
92Kb / 2P
   Limit switch box
7/20/22
8137098 FESTO-8137098 Datasheet
88Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com