Electronic Components Datasheet Search |
|
ATS122 Datasheet(PDF) 1 Page - CTS Corporation |
|
ATS122 Datasheet(HTML) 1 Page - CTS Corporation |
1 / 6 page Document No. 008-0309-0 Page 1- 6 Rev. L www.ctscorp.com ATS/ATS-SM Series Quartz Crystal FEATURES • Standard HC-49/US [thru-hole] and HC-49/US-SM [surface mount] Packages • Stable Frequency Over Temperature and Drive Level • Fundamental and 3rd Overtone Crystals • Frequency Range 3.2 – 64 MHz • Frequency Tolerance, ±30 ppm Standard • Frequency Stability, ±50 ppm Standard • Operating Temperature, –20°C to +70°C Standard, -40°C to +85°C Available • Tape & Reel Packaging Available • RoHS/Green Compliant [6/6] APPLICATIONS The ATS/ATS-SM crystal series offers excellent long-term stability and reliability in a proven resistance-weld metal package. The excellent shock performance makes it suitable for microprocessor, telecommunication, industrial, consumer electronics and networking applications. ORDERING INFORMATION Non-Standard Ordering Options Contact your local CTS Representative or CTS Inside Sales Representative for assistance. ATS Blank - Bulk 1 - Radial Taping (Ammopak) * INS - Insulation Spacer * Standard packaging is bulk in a bag. TEMPERATURE RANGE OPTIONS Blank - Standard, -20°C to +70°C E - Extended Temperature Range, -40°C to +85°C PACKAGING OPTIONS Refer to Standard Product Part Numbers tables on Pages 2 and 3. FREQUENCY Product Frequency/Load Code. [3 to 4 digits] PRODUCT OPTIONS - ATS ATS-SM ** Standard packaging is tape and reel. CTS Distributors may use -T for tape and reel indicator. Blank - Standard, -20°C to +70°C E - Extended Temperature Range, -40°C to +85°C TEMPERATURE RANGE OPTIONS Refer to Standard Product Part Numbers tables on Pages 2 and 3. FREQUENCY Product Frequency/Load Code. [3 to 4 digits] SM - Blank - Bulk 1 - Tape and Reel ** PACKAGING OPTIONS ATS |
Similar Part No. - ATS122 |
|
Similar Description - ATS122 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |