Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B6P-VH-FB-B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B6P-VH-FB-B
Description  Disconnectable Crimp style connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B6P-VH-FB-B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B6P-VH-FB-B Datasheet HTML 1Page - List of Unclassifed Manufacturers B6P-VH-FB-B Datasheet HTML 2Page - List of Unclassifed Manufacturers B6P-VH-FB-B Datasheet HTML 3Page - List of Unclassifed Manufacturers B6P-VH-FB-B Datasheet HTML 4Page - List of Unclassifed Manufacturers B6P-VH-FB-B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
193
VH CONNECTOR
A
B
[9.4(.370)]
[1.95
(.077)]
[1.95
(.077)]
[14.6(.575)]
(.126)
7.7
(.303)
3.2
B
A
7.7
(.303)
Circuit No.1
Circuit No.1
[9.4(.370)]
4.5
(.177)
13.4(.528)
Cir-
cuits
Model No.
Dimensions mm(in.)
Q'ty / box
AB
Top entry
type of
PBT
Top
entry
type
Side
entry
type
Material and Finish
Side entry
type with
PCB stabilizer
2
3
4
5
6
7
8
9
10
11
B 2P-VH-B
B 3P-VH-B
B 4P-VH-B
B 5P-VH-B
B 6P-VH-B
B 7P-VH-B
B 8P-VH-B
B 9P-VH-B
B10P-VH-B
B11P-VH-B
S2P-VH
S3P-VH
S4P-VH
S5P-VH
-
S7P-VH
-
-
-
-
3.96( .156)
7.92( .312)
11.88( .468)
15.84( .624)
19.80( .780)
23.76( .935)
27.72(1.091)
31.68(1.247)
35.64(1.403)
39.60(1.559)
7.86( .309)
11.82( .465)
15.78( .621)
19.74( .777)
23.70( .933)
27.66(1.089)
31.62(1.245)
35.58(1.401)
39.54(1.557)
43.50(1.713)
1,000
500
500
250
250
250
200
200
200
-
1,000
500
500
250
-
250
-
-
-
-
Post: Brass, copper-undercoated, tin/lead-plated
Wafer: Top entry type of PBT: Glass-filled PBT, UL94V-0, natural (ivory)
Side entry type with PCB stabilizer: Nylon 66, UL94V-0, natural (white)
Circuits
Model No.
Dimensions mm(in.)
AB
Material and Finish
Q'ty / box
3.96( .156)
7.92( .312)
11.88( .468)
15.84( .624)
19.80( .780)
23.76( .935)
27.72(1.091)
31.68(1.247)
35.64(1.403)
250
200
150
200
200
100
100
100
125
9.80( .386)
13.76( .542)
17.72( .698)
21.68( .854)
25.64(1.009)
29.60(1.165)
33.56(1.321)
37.52(1.477)
41.48(1.633)
2
3
4
5
6
7
8
9
10
B 2P-VH-FB-B
B 3P-VH-FB-B
B 4P-VH-FB-B
B 5P-VH-FB-B
B 6P-VH-FB-B
B 7P-VH-FB-B
B 8P-VH-FB-B
B 9P-VH-FB-B
B10P-VH-FB-B
Post: Brass, copper-undercoated, tin/lead-plated
Wafer: Glass-filled PBT, UL94V-0, natural (white)
Top entry type of PBT
B
9.7(.382)
A
Circuit No.1
1.14(.045)
B
A
3.96
(.156)
9.7(.382)
Circuit No.1
1.14(.045)
(2 , 3 circuits)
(4 to 10 circuits)
Side entry type with PCB stabilizer
Locking header –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Shrouded header –––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Note : B11P-VH-B is not TU
¨ V approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
<Top entry type of PBT>
ex.
B2P-VH-B-oo-
(blank)…natural (ivory)
C…black R…red E…blue M…green Y…yellow
<Side entry type with PCB stabilizer>
ex.
S2P-VH-oo-
(blank)…natural (white)
BK…black R…red BL…blue Y…yellow M…green
Note : The applicable housing for 2-circuits shrouded header is "VHR-2N" only.
"VHRR-2N" is not applicable.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2P-VH-FB-B-oo-
(blank)…natural (white)
R…red C…black E…blue M…green Y…yellow O…orange
H…gray PK…pink


Similar Part No. - B6P-VH-FB-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B6P-SHF-1AA ETC2-B6P-SHF-1AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results

Similar Description - B6P-VH-FB-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com