Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9HV0912P1G001 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9HV0912P1G001
Description  High Static Pressure Fan San Ace 92
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9HV0912P1G001 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9HV0912P1G001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9HV0912P1G001 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9HV0912P1G001 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9HV0912P1G001 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
T
T1
VIL
VIH
Output circuit : Open collector
Specifications for Pulse Sensors
Inside of DC fan
○ -
○ +
Sensor output
Sensor
Pull-up resistor
Pull-up voltage
Ic
T1~4
(1/4) T0
T1~4
(1/4) T0=60/4N (sec)
N=Fan speed
(min-1)
T0
(One revolution)
T1
0V
VOL
VOH
T2
T3
T4
In case of steady running
Output Waveform
(Need pull-up resistor)
Isource
Isink
Control
PWM Input Signal
DC fan input voltage
Inside of DC fan
Example of Connection Schematic
PWM Input Signal Example
Input Signal Waveform
T ×100
T1
T
1
VIH=4.75 V to 5.25 V
VIL=0 V to 0.4 V
PWM Duty Cycle
(%) =
PWM Frequency 25
(kHz) =
Source Current
(Isource) : 1 mA Max. at control voltage 0 V
Sink Current
(Isink) : 1 mA Max. at control voltage 5.25 V
Control Terminal Voltage : 5.25 V Max. (Open Circuit)
When the control lead wire is open,
speed is same as one at 100% PWM duty cycle.
This fan speed should be controlled by PWM input signal of either
TTL input or open collector, drain input.
(VCE)
Rated Voltage 12 V Fan
VCE=+15 V MAX.
Ic=10 mA MAX.[VOL=VCE
(SAT) =0.6 V MAX.]
Rated Voltage 48 V Fan
VCE=+60 V MAX.
Ic=10 mA MAX.[VOL=VCE
(SAT) =0.6 V MAX.]
92
92×92×38mm
9HV type
80×80×80mm
PWM Duty - Speed Characteristics Example
Voltage:DC 12 V
PWM Frequency:25 kHz
Voltage:DC 48 V
PWM Frequency:25 kHz
PWM Duty Cycle (%)
PWM Duty Cycle (%)
9HV0912P1G001
100
0
14,900 min-1
0
2,000
4,000
10,000
6,000
8,000
12,000
14,000
16,000
9HV0948P1G001
100
0
14,900 min-1
0
2,000
4,000
10,000
6,000
8,000
12,000
14,000
16,000
Air Flow - Static Pressure Characteristics
PWM Duty Cycle
Operating Voltage Range
→ Air flow
→ Air flow
PWM Duty Cycle 100%
(CFM)
(m3/min)
(CFM)
(m3/min)
(Pa)
(inch H2O)
(Pa)
(inch H2O)
9HV0948P1G001
9HV0948P1G001
(Pa)
DC 12 V
PWM Duty Cycle 100%
DC 48 V
(inch H2O)
(Pa)
(inch H2O)
(CFM)
(m3/min)
(CFM)
(m3/min)
800
4
1,000
600
200
400
2
1
3
0
1,200
5
6
0
20 40 60 80 100 120 140 160 180 200
2.0
2.5
1.5
0.5
1.0
0
4.0
4.5
3.5
3.0
800
4
1,000
600
200
400
2
1
3
0
1,200
5
6
0 20 40 60 80 100 120 140 160 180 200
2.0
2.5
1.5
0.5
1.0
0
4.0
4.5
3.5
3.0
800
4
1,000
600
200
400
2
1
3
0
1,200
5
6
0 20 40 60 80 100 120 140 160 180 200
2.0
2.5
1.5
0.5
1.0
0
4.0
4.5
3.5
3.0
800
4
1,000
600
200
400
2
1
3
0
1,200
5
6
0 20 40 60 80 100 120 140 160 180 200
2.0
2.5
1.5
0.5
1.0
0
4.0
4.5
3.5
3.0
PWM
Duty Cycle
100%
0%
50%
PWM
Duty Cycle
100%
0%
50%
60 V
48 V
36 V
→ Air flow
→ Air flow
9HV0912P1G001
9HV0912P1G001
12.6 V
12 V
8 V


Similar Part No. - 9HV0912P1G001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9HV0912P1G0011 ETC2-9HV0912P1G0011 Datasheet
543Kb / 1P
   San Ace 172 9HV type High Static Pressure Fan
RevA_e
More results

Similar Description - 9HV0912P1G001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
109P0912J401 ETC-109P0912J401 Datasheet
148Kb / 2P
   DC Fan San Ace 92
9GA0912P1H03 ETC2-9GA0912P1H03 Datasheet
159Kb / 2P
   DC Fan San Ace 92
logo
SANYO DENKI CO., LTD.
109S091 SANYODENKI-109S091 Datasheet
176Kb / 4P
   AC Fan 92횞92횞25 mm San Ace 92
9S0912F401 SANYODENKI-9S0912F401 Datasheet
188Kb / 2P
   DC Fan San Ace 92 9S type
9CRA0912P0G001 SANYODENKI-9CRA0912P0G001 Datasheet
285Kb / 2P
   Counter Rotating Fan San Ace 92 9CRA type
9GA0912P4J03 SANYODENKI-9GA0912P4J03 Datasheet
343Kb / 5P
   San Ace 92 9GA type
9GV0912P1G03 SANYODENKI-9GV0912P1G03 Datasheet
253Kb / 3P
   San Ace 92 9GV type
9G0912A201 SANYODENKI-9G0912A201 Datasheet
251Kb / 3P
   San Ace 92 9G type
9G0912G101 SANYODENKI-9G0912G101 Datasheet
170Kb / 3P
   San Ace 92 9G type
logo
List of Unclassifed Man...
9GA0812P7G001 ETC2-9GA0812P7G001 Datasheet
181Kb / 4P
   DC Fan San Ace 80
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com