Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20KPA40CA Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # 20KPA40CA
Description  Axial Lead Transient Voltage Suppressors (TVS)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

20KPA40CA Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  20KPA40CA Datasheet HTML 1Page - Socay Electornics Co., Ltd. 20KPA40CA Datasheet HTML 2Page - Socay Electornics Co., Ltd. 20KPA40CA Datasheet HTML 3Page - Socay Electornics Co., Ltd. 20KPA40CA Datasheet HTML 4Page - Socay Electornics Co., Ltd. 20KPA40CA Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision September 25, 2013
2 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
20KPA Series
20 To 300 V
20000W
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
MIN
Test
Current
IT
(mA)
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP
(A)
Maximum
Reverse
Leakage IR
@VRWM (μA)
20KPA20A
20KPA20CA
20
22.34
50
36.8
548.9
5000
20KPA24A
20KPA24CA
24
26.81
50
41.2
490.3
5000
20KPA26A
20KPA26CA
26
29.04
50
22.7
451.9
2000
20KPA28A
20KPA28CA
28
31.28
50
48.0
420.8
1000
20KPA30A
20KPA30CA
30
33.51
5
51.5
392.2
250
20KPA32A
20KPA32CA
32
35.74
5
54.3
372.0
150
20KPA34A
20KPA34CA
34
38.00
5
57.5
351.3
50
20KPA36A
20KPA36CA
36
40.20
5
61.5
328.5
20
20KPA40A
20KPA40CA
40
44.70
5
67.8
297.9
15
20KPA44A
20KPA44CA
44
49.10
5
72.7
277.9
2
20KPA48A
20KPA48CA
48
53.60
5
79.4
254.4
2
20KPA52A
20KPA52CA
52
58.10
5
85.8
235.4
2
20KPA56A
20KPA56CA
56
62.60
5
92.6
218.1
2
20KPA60A
20KPA60CA
60
67.00
5
97.6
207.0
2
20KPA64A
20KPA64CA
64
71.50
5
104.0
194.2
2
20KPA68A
20KPA68CA
68
76.00
5
110.0
183.6
2
20KPA72A
20KPA72CA
72
80.40
5
116.0
174.1
2
20KPA80A
20KPA80A
80
89.40
5
130.0
155.4
2
20KPA88A
20KPA88CA
88
98.30
5
142.0
142.3
2
20KPA96A
20KPA96CA
96
107.20
5
155.0
130.3
2
20KPA104A
20KPA104CA
104
116.20
5
168.0
120.2
2
20KPA112A
20KPA112CA
112
125.10
5
182.0
111.0
2
20KPA120A
20KPA120CA
120
134.00
5
194.0
104.1
2
20KPA132A
20KPA132CA
132
147.40
5
213.0
94.8
2
20KPA144A
20KPA144CA
144
160.80
5
232.0
87.1
2
20KPA160A
20KPA160CA
160
178.70
5
258.0
78.3
2
20KPA172A
20KPA172CA
172
192.10
5
277.0
72.9
2
20KPA180A
20KPA180CA
180
201.10
5
291.0
69.4
2
20KPA192A
20KPA192CA
192
214.50
5
309.0
65.4
2
20KPA204A
20KPA204CA
204
227.90
5
329.0
61.4
2
20KPA216A
20KPA216CA
216
241.30
5
348.0
58.0
2
20KPA232A
20KPA232CA
232
159.10
5
374.0
54.0
2
20KPA240A
20KPA240CA
240
268.10
5
387.0
52.2
2
20KPA256A
20KPA256CA
256
286.00
5
412.0
49.0
2
20KPA280A
20KPA280CA
280
312.80
5
451.0
44.8
2
20KPA300A
20KPA300CA
300
335.10
5
483.0
41.8
2
Note:
1.
For Bi-Directional devices having VR of 40 volts and under, the IR limit is double


Similar Part No. - 20KPA40CA

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
20KPA40CA TAITRON-20KPA40CA Datasheet
211Kb / 6P
   20KW Transient Voltage Suppressor
logo
Socay Electornics Co., ...
20KPA40CA SOCAY-20KPA40CA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
logo
MDE Semiconductor, Inc.
20KPA40CA MDE-20KPA40CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
20KPA40CA LITTELFUSE-20KPA40CA Datasheet
140Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
20KPA40CA LUGUANG-20KPA40CA Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
More results

Similar Description - 20KPA40CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
SA5.0 SOCAY-SA5.0 Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
P6KE6.8 SOCAY-P6KE6.8 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA SOCAY-15KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
November 8, 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com