Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP26A Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # 5KP26A
Description  Axial Lead Transient Voltage Suppressors (TVS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

5KP26A Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  5KP26A Datasheet HTML 1Page - Socay Electornics Co., Ltd. 5KP26A Datasheet HTML 2Page - Socay Electornics Co., Ltd. 5KP26A Datasheet HTML 3Page - Socay Electornics Co., Ltd. 5KP26A Datasheet HTML 4Page - Socay Electornics Co., Ltd. 5KP26A Datasheet HTML 5Page - Socay Electornics Co., Ltd. 5KP26A Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision September 25, 2013
3 / 6
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
5KP Series
5.0 To 190 V
5000W
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRMW (V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
5KP45
5KP45C
45.0
50.00
61.10
1
80.3
62.27
5
5KP45A
5KP45CA
45.0
50.00
55.30
1
72.7
68.78
5
5KP48
5KP48C
48.0
53.30
65.10
1
85.5
58.48
5
5KP48A
5KP48CA
48.0
53.30
58.90
1
77.4
64.60
5
5KP51
5KP51C
51.0
56.70
69.30
1
91.1
54.88
5
5KP51A
5KP51CA
51.0
56.70
62.70
1
82.4
60.68
5
5KP54
5KP54C
54.0
60.00
73.30
1
96.3
51.92
5
5KP54A
5KP54CA
54.0
60.00
66.30
1
87.1
57.41
5
5KP58
5KP58C
58.0
64.40
78.70
1
103.0
48.54
5
5KP58A
5KP58CA
58.0
64.40
71.20
1
93.6
53.42
5
5KP60
5KP60C
60.0
66.70
81.50
1
107.0
46.73
5
5KP60A
5KP60CA
60.0
66.70
73.70
1
96.8
51.65
5
5KP64
5KP64C
64.0
71.10
86.90
1
114.0
43.86
5
5KP64A
5KP64CA
64.0
71.10
78.60
1
103.0
48.54
5
5KP70
5KP70C
70.0
77.80
95.10
1
125.0
40.00
5
5KP70A
5KP70CA
70.0
77.80
86.00
1
113.0
44.25
5
5KP75
5KP75C
75.0
83.30
102.00
1
134.0
37.31
5
5KP75A
5KP75CA
75.0
83.30
92.10
1
121.0
41.32
5
5KP78
5KP78C
78.0
86.70
106.00
1
139.0
35.97
5
5KP78A
5KP78CA
78.0
86.70
95.80
1
126.0
39.68
5
5KP80
5KP80C
80.0
88.96
108.80
1
143.2
34.92
5
5KP80A
5KP80CA
80.0
88.80
97.60
1
129.6
38.58
5
5KP85
5KP85C
85.0
94.40
115.00
1
151.0
33.11
5
5KP85A
5KP85CA
85.0
94.40
104.00
1
137.0
36.50
5
5KP90
5KP90C
90.0
100.00
122.00
1
160.0
31.25
5
5KP90A
5KP90CA
90.0
100.00
111.00
1
146.0
34.25
5
5KP100
5KP100C
100.0
111.00
136.00
1
179.0
27.93
5
5KP100A
5KP100CA
100.0
111.00
123.00
1
162.0
30.86
5
5KP110
5KP110C
110.0
122.00
149.00
1
196.0
25.51
5
5KP110A
5KP110CA
110.0
122.00
135.00
1
177.0
28.25
5
5KP120
5KP120C
120.0
133.00
163.00
1
214.0
23.36
5
5KP120A
5KP120CA
120.0
133.00
147.00
1
193.0
25.91
5
5KP130
5KP130C
130.0
144.00
176.00
1
231.0
21.65
5
5KP130A
5KP130CA
130.0
144.00
159.00
1
209.0
23.92
5
5KP140
5KP140C
140.0
155.68
190.40
1
250.6
19.95
5
5KP140A
5KP140CA
140.0
155.00
171.00
1
226.8
22.05
5
5KP150
5KP150C
150.0
167.00
204.00
1
268.0
18.66
5
5KP150A
5KP150CA
150.0
167.00
185.00
1
243.0
20.58
5
5KP160
5KP160C
160.0
178.00
218.00
1
287.0
17.42
5
5KP160A
5KP160CA
160.0
178.00
197.00
1
259.0
19.31
5
5KP170
5KP170C
170.0
189.00
231.00
1
304.0
16.45
5
5KP170A
5KP170CA
170.0
189.00
209.00
1
275.0
18.18
5
5KP180
5KP180C
180.0
201.00
244.80
1
322.2
15.52
5
5KP180A
5KP180CA
180.0
201.00
220.00
1
291.6
17.15
5
5KP190
5KP190C
190.0
211.21
258.40
1
340.1
14.70
5
5KP190A
5KP190CA
190.0
211.00
232.00
1
307.8
16.24
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics
(TA=25℃ unless otherwise noted) (Continue)


Similar Part No. - 5KP26A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5KP26A VISHAY-5KP26A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Surge Components
5KP26A SURGE-5KP26A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP26A YFWDIODE-5KP26A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
5KP26A LUGUANG-5KP26A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Won-Top Electronics
5KP26A WTE-5KP26A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP26A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
SA5.0 SOCAY-SA5.0 Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
P6KE6.8 SOCAY-P6KE6.8 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA SOCAY-15KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
November 8, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com