Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9478C Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML9478C
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9478C Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML9478C Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
FEDL9478C-01
ML9478C
8/31
REFERENCE DATA
Frame frequency Characteristics
VDD=5.5V/2.7V Rf=470Ω
Frame frequency fFRM = fOSC /(16 x 24)
fosc = 1 / (Device coefficient x External resistor Rf)
Device coefficient = 73.8 x 10-12 ± 25%
Frame frequency Characteristics Rf=470k,VDD=5.5V
50
60
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
80
100
120
Temp Ta[℃]
(F1,F0)=(1,1)
(F1,F0)=(1,0)
(F1,F0)=(0,1)
(F1,F0)=(0,0)
Frame frequency Characteristics Rf=470k,VDD=2.7V
50
60
70
80
90
100
110
120
130
-60
-40
-20
0
20
40
60
80
100
120
Temp Ta[℃]
(F1,F0)=(1,1)
(F1,F0)=(1,0)
(F1,F0)=(0,1)
(F1,F0)=(0,0)


Similar Part No. - ML9478C

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
More results

Similar Description - ML9478C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9488 ETC2-ML9488 Datasheet
403Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9480 ETC2-ML9480 Datasheet
444Kb / 37P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9480 LAPIS-ML9480 Datasheet
365Kb / 37P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9484 ETC2-ML9484 Datasheet
383Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9484 LAPIS-ML9484 Datasheet
304Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
   Static 1/2 1/3 1/4 Duty LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com