Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA0201 Datasheet(PDF) 3 Page - Sanken electric

Part # SLA0201
Description  Thyristors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA0201 Datasheet(HTML) 3 Page - Sanken electric

  SLA0201 Datasheet HTML 1Page - Sanken electric SLA0201 Datasheet HTML 2Page - Sanken electric SLA0201 Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
180
Thyristors
Package Type (Dimensions)
20.2
b
a
±0.2
2.54
17.78±0.25
C1.5±0.5
1.0±0.25
0.5
1
35
7
6
4
2
18
23
4
5
6
7
8
T1 GT2
TR1
TR2
TR3
GT2 GT2 T1
±0.15
40±0.2±0.2
a:
Part Number
b: Lot No.
Thy1
1234156789 10 11
Thy2
Thy3
Thy4
a: Part Number
b: Lot No.
1
G
2
K
3
A
4
G
5
K
6
A
7
G
8
K
9
A
10
G
11
K
12
A
a
b
31.5max
0.85
3.2±0.15
31.0±0.2
Ellipse 3.2±0.15×3.8
11×P2.54±0.7=27.94±0.1
24.4±0.2
16.4±0.2
0.55
2.2
±0.7
Pin 1
12
1.2±0.15
1.45±0.15
+0.2
0.1
+0.2
0.1
4.8±0.2
1.7±0.1
φ
• TO-220
4.2±0.2
10.0±0.2
1.35±0.15
1.35±0.15
2.4
2.54
2.54
±0.2
2.2
(1)(2)(3)
±0.2
2.8
0.5
C
3.3
a
b
φ
±0.2
0.85
+0.2
−0.1
0.45
+0.2
−0.1
a: Part Number
b: Lot No.
±0.2
(Unit: mm)
15.6±0.3
13.6±0.2
5.45±0.1
5.45±0.1
9.6
a
b
±0.2
4.8±0.2
2.0±0.1
2
+0.2
−0.1
3
+0.2
−0.1
1.05
+0.2
−0.1
0.65
+0.2
−0.1
1.7
+0.2
−0.1
(1) (2) (3)
a: Part Number
b: Lot No.
15.6±0.2
5.45±0.1
3.35±0.2
3.45±0.2
5.5±0.2
3.2±0.2
2.15
5.45±0.1
1.5 4.4 1.5
(Measured
at the root)
(Measured
at the root)
(Measured
at the root)
0.1
+0.2
1.05 0.1
+0.2
0.65 0.1
+0.2
1.75
a
b
0.1
+0.2
(1) (2) (3)
a: Part Number
b: Lot No.
• TO-3P
• TO-3PF
• TO-220S Straight
• STA8Pin
• SLA12Pin
• TO-220F-A
• TO-220F
9.9
(8.7)
±0.3
4.5±0.2
1.3±0.2
2.4±0.2
0.5
±0.15
−0.1
2.54±0.2
10±0.2
3.6
φ
±0.2
(1) (2) (3)
(1) (2) (3)
10.16±0.3
0.8±0.1
2.54±0.2
4.7±0.2
2.54±0.2
2.76±0.2
0.5±0.1
3.2
φ
±0.2
Pin No.
(1)
(2)
(3)
Cathode (T1)
Anode (T2)
Gate (G)
( ): Triacs
(1)
(2)
(3)
Terminal 1 (T1)
Terminal 2 (T2)
Gate (G)
2.6±0.2
0.4±0.1
0.76±0.1
0.86
+0.2
-0.1
1.34
+0.2
-0.1
1.3±0.2
(5)
4.44±0.2
10.2±0.3
2
13
(Measured
at the root)
2.54±0.1
(Measured
at the root)
2.54±0.1
(Measured
at the root)


Similar Part No. - SLA0201

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA0201 SANKEN-SLA0201 Datasheet
32Kb / 1P
   5A 600V 4 circuits Thyristor array
More results

Similar Description - SLA0201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
   THYRISTORS
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
   Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
   Thyristors
September 1997 Rev 1.100
BT300 PHILIPS-BT300 Datasheet
44Kb / 6P
   Thyristors
September 1997 Rev 1.100
logo
Inchange Semiconductor ...
TYN610F ISC-TYN610F Datasheet
275Kb / 2P
   Thyristors
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
   Thyristors
April 2004-Rev 1.000
logo
Inchange Semiconductor ...
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
   Thyristors
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
   Thyristors
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
   THYRISTORS
logo
New Jersey Semi-Conduct...
BT169D NJSEMI-BT169D Datasheet
80Kb / 1P
   Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
   THYRISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com