Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP13C Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # 3KP13C
Description  Axial Lead Transient Voltage Suppressors (TVS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

3KP13C Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  3KP13C Datasheet HTML 1Page - Socay Electornics Co., Ltd. 3KP13C Datasheet HTML 2Page - Socay Electornics Co., Ltd. 3KP13C Datasheet HTML 3Page - Socay Electornics Co., Ltd. 3KP13C Datasheet HTML 4Page - Socay Electornics Co., Ltd. 3KP13C Datasheet HTML 5Page - Socay Electornics Co., Ltd. 3KP13C Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision September 25, 2013
2 / 6
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
3KP Series
5.0 To 190 V
3000W
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
3KP5.0
3KP5.0C
5.0
6.40
7.30
50
9.6
312.50
1000
3KP5.0A
3KP5.0CA
5.0
6.40
7.00
50
9.2
326.09
1000
3KP6.0
3KP6.0C
6.0
6.67
8.15
50
11.4
263.16
1000
3KP6.0A
3KP6.0CA
6.0
6.67
7.37
50
10.3
291.26
1000
3KP6.5
3KP6.5C
6.5
7.22
8.82
50
12.3
243.90
500
3KP6.5A
3KP6.5CA
6.5
7.22
7.98
50
11.2
267.86
500
3KP7.0
3KP7.0C
7.0
7.78
9.51
50
13.3
225.56
200
3KP7.0A
3KP7.0CA
7.0
7.78
8.60
50
12.0
250.00
200
3KP7.5
3KP7.5C
7.5
8.33
10.20
5
14.3
209.79
100
3KP7.5A
3KP7.5CA
7.5
8.33
9.21
5
12.9
232.56
100
3KP8.0
3KP8.0C
8.0
8.89
10.90
5
15.0
200.00
50
3KP8.0A
3KP8.0CA
8.0
8.89
9.83
5
13.6
220.59
50
3KP8.5
3KP8.5C
8.5
9.44
11.50
5
15.9
188.68
25
3KP8.5A
3KP8.5CA
8.5
9.44
10.40
5
14.4
208.33
25
3KP9.0
3KP9.0C
9.0
10.00
12.20
5
16.9
177.51
10
3KP9.0A
3KP9.0CA
9.0
10.00
11.10
5
15.4
194.81
10
3KP10
3KP10C
10.0
11.10
13.60
5
18.8
159.57
5
3KP10A
3KP10CA
10.0
11.10
12.30
5
17.0
176.47
5
3KP11
3KP11C
11.0
12.20
14.90
5
20.1
149.25
5
3KP11A
3KP11CA
11.0
12.20
13.50
5
18.2
164.84
5
3KP12
3KP12C
12.0
13.30
16.30
5
22.0
136.36
5
3KP12A
3KP12CA
12.0
13.30
14.70
5
19.9
150.75
5
3KP13
3KP13C
13.0
14.40
17.60
5
23.8
126.05
5
3KP13A
3KP13CA
13.0
14.40
15.90
5
21.5
139.53
5
3KP14
3KP14C
14.0
15.60
19.10
5
25.8
116.28
5
3KP14A
3KP14CA
14.0
15.60
17.20
5
23.2
129.31
5
3KP15
3KP15C
15.0
16.70
20.40
5
26.9
111.52
5
3KP15A
3KP15CA
15.0
16.70
18.50
5
24.4
122.95
5
3KP16
3KP16C
16.0
17.80
21.80
5
28.8
104.17
5
3KP16A
3KP16CA
16.0
17.80
19.70
5
26.0
115.38
5
3KP17
3KP17C
17.0
18.90
23.10
5
30.5
98.36
5
3KP17A
3KP17CA
17.0
18.90
20.90
5
27.6
108.70
5
3KP18
3KP18C
18.0
20.00
24.40
5
32.2
93.17
5
3KP18A
3KP18CA
18.0
20.00
22.10
5
29.2
102.74
5
3KP19
3KP19C
19.0
21.13
25.76
5
34.0
88.21
5
3KP19A
3KP19CA
19.0
21.10
23.30
5
30.8
97.47
5
3KP20
3KP20C
20.0
22.20
27.10
5
35.8
83.80
5
3KP20A
3KP20CA
20.0
22.20
24.50
5
32.4
92.59
5
3KP22
3KP22C
22.0
24.40
29.80
5
39.4
76.14
5
3KP22A
3KP22CA
22.0
24.40
26.90
5
35.5
84.51
5
3KP24
3KP24C
24.0
26.70
32.60
5
43.0
69.77
5
3KP24A
3KP24CA
24.0
26.70
29.50
5
38.9
77.12
5
3KP26
3KP26C
26.0
28.90
35.30
5
46.6
64.38
5
3KP26A
3KP26CA
26.0
28.90
31.90
5
42.1
71.26
5
3KP28
3KP28C
28.0
31.10
38.00
5
50.0
60.00
5
3KP28A
3KP28CA
28.0
31.10
34.40
5
45.4
66.08
5
3KP30
3KP30C
30.0
33.30
40.70
5
53.5
56.07
5
3KP30A
3KP30CA
30.0
33.30
36.80
5
48.4
61.98
5
3KP33
3KP33C
33.0
36.70
44.90
5
59.0
50.85
5
3KP33A
3KP33CA
33.0
36.70
40.60
5
53.3
56.29
5
3KP36
3KP36C
36.0
40.00
48.90
5
64.3
46.66
5
3KP36A
3KP36CA
36.0
40.00
44.20
5
58.1
51.64
5
3KP40
3KP40C
40.0
44.40
54.30
5
71.4
42.02
5
3KP40A
3KP40CA
40.0
44.40
49.10
5
64.5
46.51
5
3KP43
3KP43C
43.0
47.80
58.40
5
76.7
39.11
5
3KP43A
3KP43CA
43.0
47.80
52.80
5
69.4
43.23
5
Electrical Characteristics
(TA=25℃ unless otherwise noted)


Similar Part No. - 3KP13C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP13C PANJIT-3KP13C Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
UN Semiconducctor INC
3KP13C UNSEMI-3KP13C Datasheet
3Mb / 7P
   null5.0 To 190V 3000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Surge Components
3KP13C SURGE-3KP13C Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP13C WTE-3KP13C Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3KP13C FORMOSA-3KP13C Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
More results

Similar Description - 3KP13C

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
SA5.0 SOCAY-SA5.0 Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
P6KE6.8 SOCAY-P6KE6.8 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA SOCAY-15KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
November 8, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com