Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZ5708 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # UZ5708
Description  POWER ZENERS 5 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UZ5708 Datasheet(HTML) 1 Page - Digitron Semiconductors

  UZ5708 Datasheet HTML 1Page - Digitron Semiconductors UZ5708 Datasheet HTML 2Page - Digitron Semiconductors UZ5708 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UZ5706, UZ5806 SERIES
POWER ZENERS
5 WATT
MAXIMUM RATINGS
Zener Voltage (VZ):
6.8 to 400V
Continuous Current:
See Table
Surge Current ( 8.3 ms):
See Table
Surge Power:
See Graph
Power:
See Lead Temperature Derating Curve
Storage and Operating Temperature:
-65°C to +175°C
ELECTRICAL CHARACTERISTICS
Electrical Specifications at 25°C
Maximum Ratings
Maximum Reverse
Leakage Current
Type*
Nominal
Zener
Voltage †
VZ @ lZT
Test
Current
lZT
Max. Zener
Impedance §
ZZ @ lZT
lR
+5%
VR
+10%
VR
Typ. Temp.
Coeff.
Tc @ lZT
Maximum
Continuous
Current
lZM
Maximum
Surge
Current ‡
lS
+5%
Tolerance
+10%
Tolerance
Volts
mA
Ohms
μA
Volts
Volts
%/°C
mA
Amps
UZ5706
UZ5707
UZ5708
UZ5709
UZ5710
UZ5806
UZ5807
UZ5808
UZ5809
UZ5810
6.8
7.5
8.2
9.1
10.0
175
175
150
150
125
1.0
1.5
1.5
2.0
2.0
500
400
200
100
75
5.2
5.7
6.2
6.9
7.6
4.9
5.4
5.9
6.6
7.2
.05
.06
.06
.06
.07
675
620
570
510
470
40
32
24
22
20
UZ5712
UZ5713
UZ5714
UZ5715
UZ5716
UZ5812
UZ5813
UZ5814
UZ5815
UZ5816
12
13
14
15
16
100
100
100
75
75
2.5
3.0
3.0
3.5
3.5
50
25
20
15
10
9.1
9.9
10.6
11.4
12.2
8.6
9.3
10.1
10.8
11.5
.07
.08
.08
.08
.08
385
350
320
300
275
18
16
14
12
10
UZ5718
UZ5720
UZ5722
UZ5724
UZ5727
UZ5818
UZ5820
UZ5822
UZ5824
UZ5827
18
20
22
24
27
65
65
50
50
50
4.0
4.5
5.0
5.0
6.0
10
10
10
10
10
13.7
15.2
16.7
18.2
20.6
12.9
14.4
15.8
17.3
19.4
.085
.085
.085
.090
.090
255
220
195
180
155
9.0
8.0
7.0
6.5
6.0
UZ5730
UZ5733
UZ5736
UZ5740
UZ5745
UZ5830
UZ5833
UZ5836
UZ5840
UZ5845
30
33
36
40
45
40
40
30
30
30
8
10
11
14
20
10
5
5
5
5
22.8
25.1
27.4
30.4
34.2
21.6
23.7
25.9
28.8
32.4
.090
.090
.095
.095
.095
140
130
120
105
95
5.5
5.0
4.5
4.0
3.5
UZ5750
UZ5756
UZ5760
UZ5770
UZ5775
UZ5850
UZ5856
UZ5860
UZ5870
UZ5875
50
56
60
70
75
25
20
20
20
15
25
35
40
50
55
5
5
5
5
5
38.0
42.6
45.7
53.3
56.0
36.0
40.3
43.2
50.5
54.0
.095
.095
.100
.100
.100
85
80
75
65
60
3.0
2.8
2.5
2.3
2.0
UZ5780
UZ5790
UZ5110
UZ5111
UZ5112
UZ5880
UZ5890
UZ5210
UZ5211
UZ5212
80
90
100
110
120
15
15
10
10
10
80
90
100
125
170
5
5
5
5
5
60.8
68.5
76.0
83.6
91.2
57.7
64.8
72.0
79.2
86.4
.100
.100
.100
.100
.100
55
50
45
40
38
1.8
1.6
1.4
1.2
1.0
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20120906


Similar Part No. - UZ5708

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UZ5708 MICROSEMI-UZ5708 Datasheet
109Kb / 2P
   POWER ZENERS
logo
American Microsemicondu...
UZ5708 AMMSEMI-UZ5708 Datasheet
452Kb / 1P
   Electrical Specifications at 25oC
More results

Similar Description - UZ5708

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
UZ4706 DIGITRON-UZ4706 Datasheet
143Kb / 2P
   5 WATT POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ706 NJSEMI-UZ706 Datasheet
120Kb / 2P
   POWER ZENERS 3 Watt
logo
List of Unclassifed Man...
UDZ807 ETC2-UDZ807 Datasheet
106Kb / 3P
   AC POWER ZENERS 1,3 AND 5 WATT TYPES
logo
Digitron Semiconductors
UZ7706 DIGITRON-UZ7706 Datasheet
117Kb / 2P
   6 WATT POWER ZENERS
logo
New Jersey Semi-Conduct...
UDZ5807 NJSEMI-UDZ5807 Datasheet
139Kb / 3P
   AC POWER ZENERS 1, 3 and 5 Watt Types
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
logo
New Jersey Semi-Conduct...
UZ806 NJSEMI-UZ806 Datasheet
131Kb / 3P
   POWER ZENERS 6 Watt, Military, 10 Watt Military
logo
Fairchild Semiconductor
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com