Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZ5709 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # UZ5709
Description  POWER ZENERS 5 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UZ5709 Datasheet(HTML) 2 Page - Digitron Semiconductors

  UZ5709 Datasheet HTML 1Page - Digitron Semiconductors UZ5709 Datasheet HTML 2Page - Digitron Semiconductors UZ5709 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UZ5706, UZ5806 SERIES
POWER ZENERS
5 WATT
Electrical Specifications at 25°C
Maximum Ratings
Maximum Reverse
Leakage Current
Type*
Nominal
Zener
Voltage †
VZ @ lZT
Test
Current
lZT
Max. Zener
Impedance §
ZZ @ lZT
lR
+5%
VR
+10%
VR
Typ. Temp.
Coeff.
Tc @ lZT
Maximum
Continuous
Current
lZM
Maximum
Surge
Current ‡
lS
+5%
Tolerance
+10%
Tolerance
Volts
mA
Ohms
μA
Volts
Volts
%/°C
mA
Amps
UZ5113
UZ5114
UZ5115
UZ5116
UZ5117
UZ5213
UZ5214
UZ5215
UZ5216
UZ5217
130
140
150
160
170
10
8
8
8
8
190
230
330
350
380
5
5
5
5
5
98.8
106.0
114.0
122.0
129.0
93.6
101.0
108.0
115.0
122.0
.105
.105
.105
.105
.105
35
33
31
30
27
0.80
0.80
0.75
0.70
0.65
UZ5118
UZ5119
UZ5120
UZ5122
UZ5124
UZ5218
UZ5219
UZ5220
UZ5222
UZ5224
180
190
200
220
240
5
5
5
5
5
450
470
500
550
650
5
5
5
5
5
137
144
152
167
182
129
137
144
158
173
.110
.110
.110
.115
.115
25
24
22
20
18
0.60
0.55
0.50
0.45
0.40
UZ5126
UZ5128
UZ5130
UZ5132
UZ5134
UZ5226
UZ5228
UZ5230
UZ5232
UZ5234
260
280
300
320
340
5
4
4
4
4
750
850
950
1100
1200
5
5
5
5
5
198
213
228
243
258
187
202
216
230
245
.120
.120
.120
.120
.120
17
16
15
14
13
0.35
0.30
0.25
0.24
0.23
UZ5136
UZ5138
UZ5140
UZ5236
UZ5238
UZ5240
360
380
400
3
3
3
1400
1500
1800
5
5
5
274
289
304
259
274
288
.120
.120
.120
12
12
11
0.22
0.21
0.20
Temperature Range: Operating and Storage -65° to +175°C
Notes:
*
Specify 20% tolerance by changing the second numeral of type number from 8 to 9 (UZ5809 becomes UZ5909) or from 2 to 3 (UZ5211 becomes UZ5311)
All zener voltages are measured with an automated test set using a 35 millisecond test time. Longer or shorter test times will have a corresponding effect on the measured
value due to the heating effects.
§
Zener impedance is derived from the 60-cycle AC voltage created when AC current with RMS value of 10 % of DC zener test current is superimposed on the test current.
Maximum current based on 5 watt rating. See lead temperature derating curves for proper mounting methods.
Figures shown are for a peak sinusoidal surge current of 8.3ms duration using 60 cycle AC, The 8.3ms square pulse rate is 71% of the value shown.
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20120906


Similar Part No. - UZ5709

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UZ5709 MICROSEMI-UZ5709 Datasheet
109Kb / 2P
   POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ5709 NJSEMI-UZ5709 Datasheet
116Kb / 2P
   POWER ZENERS
logo
American Microsemicondu...
UZ5709 AMMSEMI-UZ5709 Datasheet
452Kb / 1P
   Electrical Specifications at 25oC
More results

Similar Description - UZ5709

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
UZ4706 DIGITRON-UZ4706 Datasheet
143Kb / 2P
   5 WATT POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ706 NJSEMI-UZ706 Datasheet
120Kb / 2P
   POWER ZENERS 3 Watt
logo
List of Unclassifed Man...
UDZ807 ETC2-UDZ807 Datasheet
106Kb / 3P
   AC POWER ZENERS 1,3 AND 5 WATT TYPES
logo
Digitron Semiconductors
UZ7706 DIGITRON-UZ7706 Datasheet
117Kb / 2P
   6 WATT POWER ZENERS
logo
New Jersey Semi-Conduct...
UDZ5807 NJSEMI-UDZ5807 Datasheet
139Kb / 3P
   AC POWER ZENERS 1, 3 and 5 Watt Types
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
logo
New Jersey Semi-Conduct...
UZ806 NJSEMI-UZ806 Datasheet
131Kb / 3P
   POWER ZENERS 6 Watt, Military, 10 Watt Military
logo
Fairchild Semiconductor
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com