Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPZ5246B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPZ5246B
Description  350 mW ZENER DIODE 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZ5246B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPZ5246B Datasheet HTML 1Page - Central Semiconductor Corp CMPZ5246B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
214
TYPE
MARKING
CODE
MIN
NOM
MAX
VOLTS
VOLTS
VOLTS
mA
mA
VOLTS
%/°C
CMPZ5221B
2.280
2.4
2.520
20
30
1200
0.25
100
1.0
-0.085
18A
CMPZ5222B
2.375
2.5
2.625
20
30
1250
0.25
100
1.0
-0.085
18B
CMPZ5223B
2.565
2.7
2.835
20
30
1300
0.25
75
1.0
-0.080
18C
CMPZ5224B
2.660
2.8
2.940
20
30
1400
0.25
75
1.0
-0.080
18D
CMPZ5225B
2.850
3.0
3.150
20
29
1600
0.25
50
1.0
-0.075
18E
CMPZ5226B
3.135
3.3
3.465
20
28
1600
0.25
25
1.0
-0.070
C8A
CMPZ5227B
3.420
3.6
3.780
20
24
1700
0.25
15
1.0
-0.065
C8B
CMPZ5228B
3.705
3.9
4.095
20
23
1900
0.25
10
1.0
-0.060
C8C
CMPZ5229B
4.085
4.3
4.515
20
22
2000
0.25
5.0
1.0
±0.055
C8D
CMPZ5230B
4.465
4.7
4.935
20
19
1900
0.25
5.0
2.0
±0.030
C8E
CMPZ5231B
4.845
5.1
5.355
20
17
1600
0.25
5.0
2.0
±0.030
C8F
CMPZ5232B
5.320
5.6
5.880
20
11
1600
0.25
5.0
3.0
+0.038
C8G
CMPZ5233B
5.700
6.0
6.300
20
7.0
1600
0.25
5.0
3.5
+0.038
C8H
CMPZ5234B
5.890
6.2
6.510
20
7.0
1000
0.25
5.0
4.0
+0.045
C8J
CMPZ5235B
6.460
6.8
7.140
20
5.0
750
0.25
3.0
5.0
+0.050
C8K
CMPZ5236B
7.125
7.5
7.875
20
6.0
500
0.25
3.0
6.0
+0.058
C8L
CMPZ5237B
7.790
8.2
8.610
20
8.0
500
0.25
3.0
6.5
+0.062
C8M
CMPZ5238B
8.265
8.7
9.135
20
8.0
600
0.25
3.0
6.5
+0.065
C8N
CMPZ5239B
8.645
9.1
9.555
20
10
600
0.25
3.0
7.0
+0.068
C8P
CMPZ5240B
9.500
10
10.50
20
17
600
0.25
3.0
8.0
+0.075
C8Q
CMPZ5241B
10.45
11
11.55
20
22
600
0.25
2.0
8.4
+0.076
C8R
CMPZ5242B
11.40
12
12.60
20
30
600
0.25
1.0
9.1
+0.077
C8S
CMPZ5243B
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
+0.079
C8T
CMPZ5244B
13.30
14
14.70
9.0
15
600
0.25
0.1
10
+0.082
C8U
ABSOLUTE MAXIMUM RATINGS
SYMBOL
UNITS
Power Dissipation (@ TA=25
oC)
PD
350
mW
Operating and Storage Temperature
TJ,Tstg
-65 to + 175
oC
ELECTRICAL CHARACTERISTICS (TA=25
oC), VF=0.9V MAX @ IF = 10mA FOR ALL TYPES.
CMPZ5221B
THRU
CMPZ5261B
350 mW ZENER DIODE
5% TOLERANCE
SOT-23 CASE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPZ5221B
Series Silicon Zener Diode is a high quality voltage
regulator for use in industrial, commercial,
entertainment and computer applications. Higher
voltage devices are available on special order.
IZT
ZZT @ IZT
ZZK @ IZK
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
CURRENT
µµµµµA
IR @ VR
ΘVZ
MAX.
TEMP.
COEFF.
VZ @ IZT
ZENER VOLTAGE
TEST
CURRENT


Similar Part No. - CMPZ5246B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ5246B CENTRAL-CMPZ5246B Datasheet
401Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ5246B CENTRAL-CMPZ5246B Datasheet
401Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMPZ5246B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSZ5221B CENTRAL-CMSZ5221B Datasheet
164Kb / 2P
   250 mW ZENER DIODE 5% TOLERANCE
logo
First Components Intern...
BZX84C2V7 FCI-BZX84C2V7_1 Datasheet
129Kb / 3P
   350 mW ZENER DIODES (2.7V to 51V) 5 VOLTAGE TOLERANCE
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com