Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZ875 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # UZ875
Description  POWER ZENERS 3WATT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UZ875 Datasheet(HTML) 2 Page - Digitron Semiconductors

  UZ875 Datasheet HTML 1Page - Digitron Semiconductors UZ875 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UZ806 SERIES
POWER ZENERS
3 WATT
*
Specify 20% voltage tolerance by changing first numeral of type number from 8 to 9.
*
Specify 5% voltage tolerance by changing first numeral of type number from 8 to 7.
All zener voltages are measured with an automated test set using a 35 ms test time.
Longer or shorter test times will have a corresponding effect on the measured value due to heating effects.
§
Zener impedance is derived from the 60-cycle AC voltage created when AC current with RMS value of 10% of DC zener test current is superimposed on the test current.
Maximum current based on 3 watt rating,
Figures shown are for a peak sinusoidal surge current of 8.3 ms duration using 60 cycle AC. The 8.3 ms square pulse rating is 71% of the value shown.
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BD
-
0.095
-
2.413
BL
-
0.250
-
6.350
LD
0.029
0.031
0.737
0.787
LL
0.700
-
17.800
-
MECHANICAL CHARACTERISTICS
Case:
Glass
Polarity:
Cathode band
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120906


Similar Part No. - UZ875

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UZ8750 MICROSEMI-UZ8750 Datasheet
91Kb / 2P
   POWER ZENERS
logo
Digitron Semiconductors
UZ8750 DIGITRON-UZ8750 Datasheet
207Kb / 2P
   POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ8750 NJSEMI-UZ8750 Datasheet
101Kb / 2P
   POWER ZENERS
logo
Microsemi Corporation
UZ8756 MICROSEMI-UZ8756 Datasheet
91Kb / 2P
   POWER ZENERS
logo
Digitron Semiconductors
UZ8756 DIGITRON-UZ8756 Datasheet
207Kb / 2P
   POWER ZENERS
More results

Similar Description - UZ875

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
UZ706 DIGITRON-UZ706 Datasheet
245Kb / 3P
   POWER ZENERS 3WATT
logo
New Jersey Semi-Conduct...
UZ4706 NJSEMI-UZ4706 Datasheet
104Kb / 2P
   POWER ZENERS
UZ5706 NJSEMI-UZ5706 Datasheet
116Kb / 2P
   POWER ZENERS
logo
Microsemi Corporation
UZ4706 MICROSEMI-UZ4706 Datasheet
91Kb / 2P
   POWER ZENERS
UZ8706 MICROSEMI-UZ8706 Datasheet
91Kb / 2P
   POWER ZENERS
UZ5706 MICROSEMI-UZ5706 Datasheet
109Kb / 2P
   POWER ZENERS
UZ706L MICROSEMI-UZ706L Datasheet
127Kb / 3P
   POWER ZENERS
logo
Digitron Semiconductors
UZ8706 DIGITRON-UZ8706 Datasheet
207Kb / 2P
   POWER ZENERS
logo
Microsemi Corporation
UZ706 MICROSEMI-UZ706 Datasheet
115Kb / 2P
   POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ8706 NJSEMI-UZ8706 Datasheet
101Kb / 2P
   POWER ZENERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com