Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URF7130 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # URF7130
Description  ULTRA FAST RECOVERY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

URF7130 Datasheet(HTML) 1 Page - Digitron Semiconductors

  URF7130 Datasheet HTML 1Page - Digitron Semiconductors URF7130 Datasheet HTML 2Page - Digitron Semiconductors URF7130 Datasheet HTML 3Page - Digitron Semiconductors URF7130 Datasheet HTML 4Page - Digitron Semiconductors URF7130 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121127
UFR7010-UFR7020
ULTRA FAST RECOVERY RECTIFIERS
UFR7120-UFR7150
UFR7250-UFR7280
MAXIMUM RATINGS
UFR
Rating
Symbol
7010
7015
7020
7120
7130
7140
7150
7250
7260
7270
7280
Working peak reverse
voltage
VRWM
100V
150V
200V
200V
300V
400V
500V
500V
600V
700V
800V
Peak repetitive reverse
voltage
VRRM
100V
150V
200V
200V
300V
400V
500V
500V
600V
700V
800V
Operating and storage
temperature range
TJ, Tstg
-65 to +175°C
Maximum thermal
resistance
R
ӨJC
0.8°C/W junction to case
Typical thermal
resistance
R
ӨCS
0.2°C/W case to sink
Mounting torque
25-30 in. pounds
Weight
0.54 ounces (15.3 grams) typical
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
UFR7010
UFR7015
UFR7020
UFR7120
UFR7130
UFR7140
UFR7150
UFR7250
UFR7260
UFR7270
UFR7280
Condition
Average forward current
IF(AV)
70A
70A
70A
Square wave, R
ӨJC = 0.8°C/W
Case temperature
TC
125°C
110°C
105°C
Maximum surge current
IFSM
1000A
800A
700A
8.3ms, half sine, TJ = 175°C
Maximum peak forward voltage
VFM
0.975V
1.250V
1.350V
IFM = 70A, TJ = 25°C*
Maximum reverse recovery time
tRR
50ns
60ns
75ns
1/2A, 1A, 1/4A, TJ = 25°C
Maximum peak reverse current
IRM
3.0mA
VRRM, TJ = 125°C
Maximum peak reverse current
IRM
25µA
VRRM, TJ = 25°C
Typical junction capacitance
CJ
300pF
150pF
150pF
VR = 10V, f = 1MHz, TJ = 25°C
*: Pulse test: pulse width 300µsec, duty cycle 2%.


Similar Part No. - URF7130

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
URF0605 MOSPEC-URF0605 Datasheet
180Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF0610 MOSPEC-URF0610 Datasheet
180Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF0615 MOSPEC-URF0615 Datasheet
180Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF0620 MOSPEC-URF0620 Datasheet
180Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF0630 MOSPEC-URF0630 Datasheet
200Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
More results

Similar Description - URF7130

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFS330 MICROSEMI-UFS330 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFS530 MICROSEMI-UFS530 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
10DF1 NJSEMI-10DF1 Datasheet
61Kb / 1P
   Rectifiers Ultra-Fast Recovery
logo
Central Semiconductor C...
CR8U-02FP CENTRAL-CR8U-02FP_15 Datasheet
475Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
1N6616 DIGITRON-1N6616 Datasheet
110Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Comchip Technology
UF3001-HF COMCHIP-UF3001-HF Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR6020PT NIUHANG-MUR6020PT Datasheet
305Kb / 3P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Comchip Technology
UF3001-G COMCHIP-UF3001-G Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
logo
Microsemi Corporation
UFS110J MICROSEMI-UFS110J Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFS305 MICROSEMI-UFS305 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFT2060 MICROSEMI-UFT2060 Datasheet
129Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com