Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT245 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # UT245
Description  RECTIFIERS 1 Amp to 2 Amp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UT245 Datasheet(HTML) 1 Page - Digitron Semiconductors

  UT245 Datasheet HTML 1Page - Digitron Semiconductors UT245 Datasheet HTML 2Page - Digitron Semiconductors UT245 Datasheet HTML 3Page - Digitron Semiconductors UT245 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UT234-UT347, UT249-UT363
RECTIFIERS
UT251-UT364, UT261-UT268
1 Amp to 2 Amp
MAXIMUM RATINGS
Peak Inverse Voltage
1 Amp Series
1.25 Amp Series
1.5 Amp Series
2 Amp Series
100V
200V
400V
500V
600V
800V
1000V
UT236
UT234
UT235
UT237
UT238
UT361
UT347
UT249
UT242
UT244
UT245
UT247
UT362
UT363
UT251
UT252
UT254
UT255
UT257
UT258
UT364
UT261
UT262
UT264
UT265
UT267
UT268
Maximum Average D.C. Output Current
@ TA =25°C
@TA=100°C
1.0A
0.5A
1.25A
0.65A
1.5A
0.75A
2.0A
1.0A
Non-Repetitive Sinusoidal Surge (8.3ms)
20A
20A
25A
30A
Operating and Storage Temperature Range
-195°C to +175°C
Thermal Resistance
SEE LEAD TEMPERATURE DERATING CURVE
ELECTRICAL CHARACTERISTICS
TYPE
PIV
MAXIMUM FORWARD VOLTAGE
DROP
MAXIMUM LEAKAGE CURRENT @
PIV
25°C
100°C
UT261
UT262
UT264
UT265
UT267
UT268
100V
200V
400V
500V
600V
800V
1V@900mA
2μA
75μA
UT251
UT252
UT254
UT255
UT257
UT258
UT364
100V
200V
400V
500V
600V
800V
1000V
1V@750mA
2μA
75μA
UT249
UT242
UT244
UT245
UT247
UT362
UT363
100V
200V
400V
500V
600V
800V
1000V
1V@500mA
2μA
75μA
UT236
UT234
UT235
UT237
UT238
UT361
UT347
100V
200V
400V
500V
600V
800V
1000V
1V@400mA
2μA
75μA
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121119


Similar Part No. - UT245

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UT245 MICROSEMI-UT245 Datasheet
136Kb / 3P
   RECTIFIERS
logo
New Jersey Semi-Conduct...
UT245 NJSEMI-UT245 Datasheet
103Kb / 2P
   RECTIFIERS
More results

Similar Description - UT245

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2105 AD-ADP2105 Datasheet
1,019Kb / 32P
   1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. 0
ADP2105 AD-ADP2105_15 Datasheet
1,000Kb / 36P
   1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
ADP2107 AD-ADP2107_15 Datasheet
1,000Kb / 36P
   1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
ADP2106 AD-ADP2106_15 Datasheet
1,000Kb / 36P
   1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
logo
Grayhill, Inc
39-1 GRAYHILL-39-1 Datasheet
314Kb / 2P
   SPST, 150 mA to 1/2 Amp
logo
DIOTEC Electronics Corp...
SK102 DEC-SK102 Datasheet
424Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
SPR11 DEC-SPR11 Datasheet
392Kb / 2P
   1 AMP SUPER-EFFICIENT RECTIFIERS
01S1NB DEC-01S1NB Datasheet
344Kb / 2P
   1 AMP MINIATURE BRIDGE RECTIFIERS
SBDA-101-1B DEC-SBDA-101-1B Datasheet
419Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5819 MICROSEMI-1N5819 Datasheet
42Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com