Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT36VDDF12872 Datasheet(PDF) 3 Page - Micron Technology

Part # MT36VDDF12872
Description  DDR SDRAM RDIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT36VDDF12872 Datasheet(HTML) 3 Page - Micron Technology

  MT36VDDF12872 Datasheet HTML 1Page - Micron Technology MT36VDDF12872 Datasheet HTML 2Page - Micron Technology MT36VDDF12872 Datasheet HTML 3Page - Micron Technology MT36VDDF12872 Datasheet HTML 4Page - Micron Technology MT36VDDF12872 Datasheet HTML 5Page - Micron Technology MT36VDDF12872 Datasheet HTML 6Page - Micron Technology MT36VDDF12872 Datasheet HTML 7Page - Micron Technology MT36VDDF12872 Datasheet HTML 8Page - Micron Technology MT36VDDF12872 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PDF: 09005aef80772fd2/Source: 09005aef8075ebf6
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDF36C128_256x72.fm - Rev. G 9/08 EN
3
©2002 Micron Technology, Inc. All rights reserved.
1GB, 2GB (x72, ECC, DR) 184-Pin DDR SDRAM RDIMM
Features
Notes:
1. Data sheets for the base devices can be found on Micron’s Web site.
2. All part numbers end with a two-place code (not shown) that designates component and
PCB revisions. Consult factory for current revision codes.
Example: MT36VDDF12872Y-335G3.
Table 4:
Part Numbers and Timing Parameters – 2GB Modules
Base device: MT46V128M4,1 512Mb DDR SDRAM
Part Number2
Module
Density
Configuration
Module
Bandwidth
Memory Clock/
Data Rate
Clock Cycles
(CL-tRCD-tRP)
MT36VDDF25672G-40B__
2GB
256 Meg x 72
3.2 GB/s
5.0ns/400 MT/s
3-3-3
MT36VDDF25672Y-40B__
2GB
256 Meg x 72
3.2 GB/s
5.0ns/400 MT/s
3-3-3
MT36VDDF25672G-335__
2GB
256 Meg x 72
2.7 GB/s
6.0ns/333 MT/s
3-3-3
MT36VDDF25672Y-335__
2GB
256 Meg x 72
2.7 GB/s
6.0ns/333 MT/s
3-3-3
MT36VDDF25672G-262__
2GB
256 Meg x 72
2.1 GB/s
7.5ns/266 MT/s
2-2-2
MT36VDDF25672G-26A__
2GB
256 Meg x 72
2.1 GB/s
7.5ns/266 MT/s
2-3-3
MT36VDDF25672G-265__
2GB
256 Meg x 72
2.1 GB/s
7.5ns/266 MT/s
2.5-3-3
MT36VDDF25672Y-265__
2GB
256 Meg x 72
2.1 GB/s
7.5ns/266 MT/s
2.5-3-3


Similar Part No. - MT36VDDF12872

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT36VDDF12872G MICRON-MT36VDDF12872G Datasheet
738Kb / 37P
   DDR SDRAM REGISTERED DIMM
More results

Similar Description - MT36VDDF12872

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT36VDDT51272G MICRON-MT36VDDT51272G Datasheet
730Kb / 18P
   DDR SDRAM RDIMM
MTA36ASF4G72PZ MICRON-MTA36ASF4G72PZ Datasheet
630Kb / 28P
   DDR4 SDRAM RDIMM
logo
List of Unclassifed Man...
SGP02G72D1BG2SA-BB[EW]RT ETC2-SGP02G72D1BG2SA-BB[EW]RT Datasheet
703Kb / 17P
   2048MB DDR3 . SDRAM RDIMM
logo
Micron Technology
MT36KSF1G72PZ MICRON-MT36KSF1G72PZ Datasheet
413Kb / 20P
   1.35V DDR3L SDRAM RDIMM
MT36KSF2G72PZ MICRON-MT36KSF2G72PZ Datasheet
421Kb / 21P
   1.35V DDR3L SDRAM RDIMM
MT36HTJ51272-P MICRON-MT36HTJ51272-P Datasheet
301Kb / 14P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT9HVF12872KY MICRON-MT9HVF12872KY Datasheet
239Kb / 17P
   DDR2 SDRAM VLP Mini-RDIMM
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
List of Unclassifed Man...
SEG04G72B1BC2MT-30R ETC2-SEG04G72B1BC2MT-30R Datasheet
749Kb / 16P
   4GB DDR2 . SDRAM registered SO-RDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com