Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT321012 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MT321012
Description  Multimode Relay MT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MT321012 Datasheet(HTML) 2 Page - Tyco Electronics

  MT321012 Datasheet HTML 1Page - Tyco Electronics MT321012 Datasheet HTML 2Page - Tyco Electronics MT321012 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Industrial Relays
Multimode Relay MT (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
-40 to +60°C
AC coil
-40 to +50°C
Category of environmental protection
IEC 61810
RTI - dust protected
Vibration resistance (functional),
form A (NO)/form B (NC)
5/2g
Shock resistance (functional),
form A (NO)/form B (NC)
50/10g
Terminal type
plug-in
Cover retention, pull/push force
100/100N
Weight
80g
Packaging unit
25 pcs.
Accessories
For details see datasheet
Accessories Multimode Relay MT
Note: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
Insulation Data
Initial dielectric strength
between open contacts
1500Vrms
between contact and coil
2500Vrms
between adjacent contacts
2500Vrms
Clearance/creepage
between contact and coil
≥2.8/4mm
between adjacent contacts
≥2.8/4mm
Material group of insulation parts
IIIa
Terminal assignment
Bottom view on pins
Dimensions
S0168-B
S0296-A


Similar Part No. - MT321012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT321012 MACOM-MT321012 Datasheet
216Kb / 3P
   Multimode Relay
More results

Similar Description - MT321012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT78750 MACOM-MT78750 Datasheet
334Kb / 4P
   Accessories Multimode Relay MT
MT221012 MACOM-MT221012 Datasheet
216Kb / 3P
   Multimode Relay
logo
Molex Electronics Ltd.
88523-7400 MOLEX11-88523-7400 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 1.0m
88523-7403 MOLEX11-88523-7403 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 4.0m
88523-7406 MOLEX11-88523-7406 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 30.0m
88523-7401 MOLEX11-88523-7401 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-7405 MOLEX11-88523-7405 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 15.0m
0885237403 MOLEX10-0885237403 Datasheet
90Kb / 2P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 4.0m (13.12)
0885237405 MOLEX10-0885237405 Datasheet
90Kb / 2P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
logo
List of Unclassifed Man...
MT-X512 ETC1-MT-X512 Datasheet
118Kb / 3P
   MT-X512
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com