Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZ8116 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # UZ8116
Description  POWER ZENERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UZ8116 Datasheet(HTML) 2 Page - Digitron Semiconductors

  UZ8116 Datasheet HTML 1Page - Digitron Semiconductors UZ8116 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UZ8706, UZ8806 SERIES
POWER ZENERS
1 WATT
ELECTRICAL CHARACTERISTICS
Electrical Specifications at 25°C
Maximum Ratings
Maximum Reverse
Leakage Current
Type
Nominal
Zener
Voltage
VZ @ IZT
Test
Current
IZT
Max. Zener
Impedance
§
ZZ @ IZT
IR @ VR
+5%
VR
+10%
VR
Typ. Temp.
Coeff.
T.C. @ IZT
Maximum
Continuous
Current
IZM
Maximum
Surge
Current
IS
+5%
Tolerance
+10%
Tolerance
Volts
mA
Ohms
μA
Volts
Volts
%/°C
mA
Amps
UZ8115
UZ8215
150
1.7
1000
0.5
114
108
.10
6.3
0.112
UZ8116
UZ8216
160
1.6
1100
0.5
121
115
.10
5.9
0.082
UZ8117
UZ8217
170
1.5
1200
0.5
129
122
.10
5.6
0.082
UZ8118
UZ8218
180
1.4
1300
0.5
137
129
.10
5.2
0.056
UZ8119
UZ8219
190
1.3
1400
0.5
144
137
.10
5.0
0.056
UZ8120
UZ8220
200
1.2
1500
0.5
152
144
.10
4.7
0.056
† All zener voltages are measured with an automated test set using a 35 millisecond test time. Longer or shorter test times will have a corresponding effect on the measured value
due to heating effects.
§ Zener impedance is derived from the 60 cycle AC voltage created when AC current with RMS value of 10% of DC zener test current is superimposed on the test current.
Ratings are based on free air. TA = 25°C. For use at 1.5 watts, see derating curve.
‡ Figures shown are for a peak sinusoidal surge current of 8.3ms duration using 60 cycle AC. The 8.3 ms square pulse rating is 71% of the value shown.
MECHANICAL CHARACTERISTICS
Case:
Glass
Marking:
Body Painted, Alpha-Numeric
Polarity:
Cathode Band
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BD
-
.095
-
2.413
BL
-
0.185
-
4.699
LD
.027
.033
0.686
0.838
LL
.700
-
17.78
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120730


Similar Part No. - UZ8116

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UZ8116 MICROSEMI-UZ8116 Datasheet
91Kb / 2P
   POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ8116 NJSEMI-UZ8116 Datasheet
101Kb / 2P
   POWER ZENERS
More results

Similar Description - UZ8116

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
UZ4706 NJSEMI-UZ4706 Datasheet
104Kb / 2P
   POWER ZENERS
UZ5706 NJSEMI-UZ5706 Datasheet
116Kb / 2P
   POWER ZENERS
logo
Microsemi Corporation
UZ4706 MICROSEMI-UZ4706 Datasheet
91Kb / 2P
   POWER ZENERS
UZ8706 MICROSEMI-UZ8706 Datasheet
91Kb / 2P
   POWER ZENERS
UZ5706 MICROSEMI-UZ5706 Datasheet
109Kb / 2P
   POWER ZENERS
UZ706L MICROSEMI-UZ706L Datasheet
127Kb / 3P
   POWER ZENERS
UZ706 MICROSEMI-UZ706 Datasheet
115Kb / 2P
   POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ8706 NJSEMI-UZ8706 Datasheet
101Kb / 2P
   POWER ZENERS
logo
Digitron Semiconductors
UZ810 DIGITRON-UZ810 Datasheet
224Kb / 2P
   POWER ZENERS 3WATT
UZ706 DIGITRON-UZ706 Datasheet
245Kb / 3P
   POWER ZENERS 3WATT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com