Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT36VDDF25672Y-40B Datasheet(PDF) 9 Page - Micron Technology

Part # MT36VDDF25672Y-40B
Description  DDR SDRAM RDIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT36VDDF25672Y-40B Datasheet(HTML) 9 Page - Micron Technology

Back Button MT36VDDF25672Y-40B Datasheet HTML 5Page - Micron Technology MT36VDDF25672Y-40B Datasheet HTML 6Page - Micron Technology MT36VDDF25672Y-40B Datasheet HTML 7Page - Micron Technology MT36VDDF25672Y-40B Datasheet HTML 8Page - Micron Technology MT36VDDF25672Y-40B Datasheet HTML 9Page - Micron Technology MT36VDDF25672Y-40B Datasheet HTML 10Page - Micron Technology MT36VDDF25672Y-40B Datasheet HTML 11Page - Micron Technology MT36VDDF25672Y-40B Datasheet HTML 12Page - Micron Technology MT36VDDF25672Y-40B Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PDF: 09005aef80772fd2/Source: 09005aef8075ebf6
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDF36C128_256x72.fm - Rev. G 9/08 EN
9
©2002 Micron Technology, Inc. All rights reserved.
1GB, 2GB (x72, ECC, DR) 184-Pin DDR SDRAM RDIMM
General Description
General Description
The MT36VDDF12872 and MT36VDDF25672 are high-speed, CMOS dynamic random
access 1GB and 2GB memory modules organized in a x72 configuration. These modules
use DDR SDRAM devices with four internal banks.
DDR SDRAM modules use a double data rate architecture to achieve high-speed opera-
tion. The double data rate architecture is essentially a 2n-prefetch architecture with an
interface designed to transfer two data words per clock cycle at the I/O pins. A single
read or write access for DDR SDRAM modules effectively consists of a single
2n-bit-wide, one-clock-cycle data transfer at the internal DRAM core and two corre-
sponding n-bit-wide, one-half-clock-cycle data transfers at the I/O pins.
A bidirectional data strobe (DQS) is transmitted externally, along with data, for use in
data capture at the receiver. DQS is a strobe transmitted by the DDR SDRAM during
READs and by the memory controller during WRITEs. DQS is edge-aligned with data for
READs and center-aligned with data for WRITEs.
DDR SDRAM modules operate from differential clock inputs (CK and CK#); the crossing
of CK going HIGH and CK# going LOW will be referred to as the positive edge of CK.
Commands are registered at every positive edge of CK. Input data is registered on both
edges of DQS, and output data is referenced to both edges of DQS, as well as to both
edges of CK.
Register and PLL Operation
These DDR SDRAM modules operate in registered mode, where the control, command,
and address input signals are latched in the registers on the rising clock edge and sent to
the DDR SDRAM devices on the following rising clock edge (data access is delayed by
one clock cycle). A phase-lock loop (PLL) on the module receives and redrives the differ-
ential clock signals (CK, CK#) to the DDR SDRAM devices. The register(s) and PLL reduce
control, command, address, and clock signals loading by isolating DRAM from the
system controller. PLL clock timing is defined by JEDEC specifications and ensured by
use of the JEDEC clock reference board. Registered mode will add one clock cycle to CL.
Serial Presence-Detect Operation
DDR SDRAM modules incorporate serial presence-detect. The SPD data is stored in a
256-byte EEPROM. The first 128 bytes are programmed by Micron to identify the module
type and various DDR SDRAM organizations and timing parameters. The remaining 128
bytes of storage are available for use by the customer. System READ/WRITE operations
between the master (system logic) and the slave EEPROM device occur via a standard
I2C bus using the DIMM’s SCL (clock) and SDA (data) signals, together with SA[2:0],
which provide eight unique DIMM/EEPROM addresses. Write protect (WP) is connected
to VSS, permanently disabling hardware write protect.


Similar Part No. - MT36VDDF25672Y-40B

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT36VDDF12872G MICRON-MT36VDDF12872G Datasheet
738Kb / 37P
   DDR SDRAM REGISTERED DIMM
More results

Similar Description - MT36VDDF25672Y-40B

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT36VDDT51272G MICRON-MT36VDDT51272G Datasheet
730Kb / 18P
   DDR SDRAM RDIMM
MTA36ASF4G72PZ MICRON-MTA36ASF4G72PZ Datasheet
630Kb / 28P
   DDR4 SDRAM RDIMM
logo
List of Unclassifed Man...
SGP02G72D1BG2SA-BB[EW]RT ETC2-SGP02G72D1BG2SA-BB[EW]RT Datasheet
703Kb / 17P
   2048MB DDR3 . SDRAM RDIMM
logo
Micron Technology
MT36KSF1G72PZ MICRON-MT36KSF1G72PZ Datasheet
413Kb / 20P
   1.35V DDR3L SDRAM RDIMM
MT36KSF2G72PZ MICRON-MT36KSF2G72PZ Datasheet
421Kb / 21P
   1.35V DDR3L SDRAM RDIMM
MT36HTJ51272-P MICRON-MT36HTJ51272-P Datasheet
301Kb / 14P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT9HVF12872KY MICRON-MT9HVF12872KY Datasheet
239Kb / 17P
   DDR2 SDRAM VLP Mini-RDIMM
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
List of Unclassifed Man...
SEG04G72B1BC2MT-30R ETC2-SEG04G72B1BC2MT-30R Datasheet
749Kb / 16P
   4GB DDR2 . SDRAM registered SO-RDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com