Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT333220 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MT333220
Description  Multimode Relay MT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MT333220 Datasheet(HTML) 3 Page - Tyco Electronics

  MT333220 Datasheet HTML 1Page - Tyco Electronics MT333220 Datasheet HTML 2Page - Tyco Electronics MT333220 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
Industrial Relays
Multimode Relay MT (Continued)
Product code Contact configuration Contact material
Version
Coil
Part number
MT221012
2 form C
AgNi 90/10
DC
12VDC
4-1393090-9
MT221024
2 CO contacts
with test button
24VDC
5-1393090-0
MT221048
8-pin
48VDC
5-1393090-1
MT221060
60VDC
5-1393090-2
MT221110
110VDC
5-1393090-3
MT221220
220VDC
5-1393090-4
MT223024
DC+LED+test button
24VDC
5-1393090-7
MT226012
AC
12VAC
6-1393090-3
MT226024
test button
24VAC
6-1393090-4
MT226048
48VAC
6-1393090-5
MT226115
115VAC
6-1393090-7
MT226230
230VAC
6-1393090-8
MT228024
AC+LED
24VAC
6-1393090-9
MT228115
test button
115VAC
7-1393090-0
MT228230
230VAC
7-1393090-1
MT321012
3 form C
AgNi 90/10
DC
12VDC
6-1393091-8
MT321024
3 CO contacts
with test button
24VDC
7-1393091-0
MT321048
11-pin
48VDC
7-1393091-1
MT321060
60VDC
7-1393091-2
MT321110
110VDC
7-1393091-4
MT321220
220VDC
7-1393091-7
MT323024
DC+LED+test button
24VDC
8-1393091-4
MT3230C4
DC+LED+PT+TB
24VDC
7-1393091-9
MT326012
AC
12VAC
9-1393091-6
MT326024
test button
24VAC
9-1393091-7
MT326048
48VAC
9-1393091-8
MT326115
115VAC
1393092-1
MT326230
230VAC
1393092-2
MT328024
AC+LED
24VAC
1393092-4
MT328115
test button
115VAC
1393092-7
MT328230
230VAC
1393092-8
MT331024
AgNi 90/10
DC
24VDC
1-1393092-1
MT331110
gold plated
with test button
110VDC
1-1393092-3
MT331220
220VDC
1-1393092-5
MT333024
DC+LED+test button
24VDC
1-1393092-8
MT3330C4
DC+LED+PD+TB
24VDC
1-1393092-6
MT333110
DC+LED
110VDC
2-1393092-0
MT333220
test button
220VDC
2-1393092-2
MT336115
AC
115VAC
2-1393092-5
MT336230
test button
230VAC
2-1393092-6
MT338024
AC+LED
24VAC
2-1393092-7
MT338115
test button
115VAC
8-1415025-1
MT338230
230VAC
2-1393092-8
Product code structure
Typical product code
MT
3
2
6
230
Type
MT Multimode Relay MT
Contact configuration
2
2 form C contacts (2 CO contacts), 8-pin
3
3 form C (3 CO contacts), 11-pin
Contact material
2
AgNi 90/10
B AgNi 90/10 bifurcated contacts, gold plated
3
AgNi 90/10, gold plated
Version
1
DC with test button
6
AC with test button
3
DC with test button
8
AC with test button
and bipolar LED
and LED
Coil
Coil code: please refer to coil versions table
Other types on request


Similar Part No. - MT333220

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT333220 MACOM-MT333220 Datasheet
216Kb / 3P
   Multimode Relay
More results

Similar Description - MT333220

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT78750 MACOM-MT78750 Datasheet
334Kb / 4P
   Accessories Multimode Relay MT
MT221012 MACOM-MT221012 Datasheet
216Kb / 3P
   Multimode Relay
logo
Molex Electronics Ltd.
88523-7400 MOLEX11-88523-7400 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 1.0m
88523-7403 MOLEX11-88523-7403 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 4.0m
88523-7406 MOLEX11-88523-7406 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 30.0m
88523-7401 MOLEX11-88523-7401 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-7405 MOLEX11-88523-7405 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 15.0m
0885237403 MOLEX10-0885237403 Datasheet
90Kb / 2P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 4.0m (13.12)
0885237405 MOLEX10-0885237405 Datasheet
90Kb / 2P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
logo
List of Unclassifed Man...
MT-X512 ETC1-MT-X512 Datasheet
118Kb / 3P
   MT-X512
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com