Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M15KP85A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # M15KP85A
Description  15,000 Watt Transient Voltage Suppressor (TVS) Protection Device
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M15KP85A Datasheet(HTML) 1 Page - Microsemi Corporation

  M15KP85A Datasheet HTML 1Page - Microsemi Corporation M15KP85A Datasheet HTML 2Page - Microsemi Corporation M15KP85A Datasheet HTML 3Page - Microsemi Corporation M15KP85A Datasheet HTML 4Page - Microsemi Corporation M15KP85A Datasheet HTML 5Page - Microsemi Corporation M15KP85A Datasheet HTML 6Page - Microsemi Corporation M15KP85A Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF01011, Rev. C (9/30/13)
©2013 Microsemi Corporation
Page 1 of 7
M15KP22A – M15KP280CA(e3)
Available
15,000 Watt Transient Voltage Suppressor
(TVS) Protection Device
Screening in
reference to
MIL-PRF-19500
available
DESCRIPTION
This Transient Voltage Suppressor series of M15KP22A – M15KP280CA offers an extended
voltage range and also provides a variety of high reliability, uni- and bi-directional options as
well. RoHS compliant versions are also available. These devices have the ability to clamp
dangerous high voltage transients such as secondary effects of lightning strikes, providing
circuit protection to several class levels in the IEC61000-4-5 specification. Clamping time is
virtually instantaneous. It also provides protection from transients caused by inductive load
dumps, RFI, and ESD, providing protection to IEC61000-4-2 and -4-4.
Case 5A
(DO-204AR)
Package
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
Available in both unidirectional and bidirectional configurations
3σ lot norm screening performed on standby current ID
100% surge tested devices
Suppresses transients up to 15 kW @ 10/1000
µs and 100 kW @ 8/20 µs (see Figure 1)
Various screenings in reference to MIL-PRF-19500 are available. Refer to Hirel Non-Hermetic
Product Portfolio for more details on the screening options.
(See part nomenclature for all options.)
High reliability controlled devices have wafer fabrication and assembly lot traceability
Moisture classification is level 1 with no dry pack required per IPC/JEDEC J-STD-020B
RoHS compliant versions are available
APPLICATIONS / BENEFITS
Selections from 22 to 280 volts stand-off voltage (VWM)
Economical TVS series for thru-hole mounting
Protection from switching transients & induced RFI
Fast sub-nanosecond response (unidirectional)
Compliant to IEC 61000-4-2 and IEC 61000-4-4 for ESD and EFT protection respectively
Secondary lightning protection per IEC61000-4-5 with 42 ohms source impedance:
Class 1, 2, 3, 4: M15KP22A to M15KP280CA
Class 5: M15KP22A to M15KP280CA (short distance)
Class 5: 1M5KP22A to M15KP110CA (long distance)
Secondary lightning protection per IEC61000-4-5 with 12 ohms source impedance:
Class 1 & 2: M15KP22A to M15KP280CA
Class 3: M15KP22A to M15KP240CA
Class 4: M15KP22A to M15KP120CA
Secondary lightning protection per IEC61000-4-5 with 2 ohms source impedance:
Class 2: M15KP22A to M15KP220CA
Class 3: M15KP22A to M15KP110CA
Class 4: M15KP22A to M15KP54CA
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com


Similar Part No. - M15KP85A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15 CDE-M15 Datasheet
157Kb / 6P
   Conformally coated, radial leaded
logo
GSI Group, Inc.
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
logo
Pulse A Technitrol Comp...
M1500 PULSE-M1500 Datasheet
115Kb / 2P
   SMT GATE DRIVE TRANSFORMER
logo
RAF ELECTRONIC HARDWARE
M1500-B-2545-SS RAF-M1500-B-2545-SS Datasheet
63Kb / 1P
   4.5 MM ROUND SWAGE STANDOFFS
logo
GSI Group, Inc.
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
More results

Similar Description - M15KP85A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
15KPA17AE3 MICROSEMI-15KPA17AE3 Datasheet
441Kb / 7P
   15,000 Watt Transient Voltage Suppressor TVS) Protection Device
Rev. A 6/24/13
5KP5.0E3 MICROSEMI-5KP5.0E3 Datasheet
800Kb / 10P
   5,000 Watt Transient Voltage Suppressor (TVS) Protection Device
Rev. A
logo
Infineon Technologies A...
ESD253-B1-W0201 INFINEON-ESD253-B1-W0201 Datasheet
747Kb / 13P
   Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-07-12
ESD259-B1-W0201 INFINEON-ESD259-B1-W0201 Datasheet
1Mb / 14P
   Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-05-17
logo
Microsemi Corporation
SMAJ5.0E3 MICROSEMI-SMAJ5.0E3 Datasheet
489Kb / 6P
   400W Transient Voltage Suppressor (TVS) protection device
Mar Rev C
logo
Infineon Technologies A...
ESD241-B1-W0201 INFINEON-ESD241-B1-W0201 Datasheet
734Kb / 13P
   Protection Devices TVS (Transient Voltage Suppressor)
Revision 1.2 2018-03-19
ESD237-B1-W0201 INFINEON-ESD237-B1-W0201 Datasheet
762Kb / 14P
   Protection devices TVS (Transient Voltage Suppressor)
Revision 1.0 2016-10-18
logo
Semtech Corporation
704-15K36 SEMTECH-704-15K36 Datasheet
28Kb / 2P
   15,000 Watt TVS Module
logo
Infineon Technologies A...
ESD206-B1-02V INFINEON-ESD206-B1-02V Datasheet
610Kb / 14P
   Protection Devices TVS (Transient Voltage Suppressor Diodes)
Revision 1.3, 2016-06-27
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com