Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R52 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R52
Description  Socket pins for .055 Diameter Holes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R52 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R52 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
75
www.vectorelect.com
800-423-5659
Specification subject to change without notice
Socket pins for .055” Diameter Holes
R31, R52, R53
3A Current Rating, Brass alloy shell, sleeve & post.
Accepts .015” to .025” diameter leads
R31 • Three level wire wrap tail, .025” sq. posts
Four-finger contacts; 10 micron gold flash
over nickel plating on contacts and
shell/sleeve/posts.
Male pin/lead depth of 0.170”
R52 •
Three level wire wrap tail, .025” sq. posts
Four-finger contacts; 10 micron gold flash
over contacts.
Tin plating on outer shell, sleeve & posts
Male pin/lead depth 0.170”
R53 •
Three level wire-wrap tail, .025” sq. posts
Six-finger contacts. 10 micron gold flash
over contacts
Tin plating on outer shell, sleeve & posts
Male pin/lead depth of 0.170”
R32
• Three-level wire-wrap tail,
.025” square post
• Four-finger contacts
• 10 micron gold flash over
nickel plating on contacts
and shell/sleeve/posts
• Male pin/lead depth 0.130”
Socket Pins for .042”  diameter holes
3A internal contact current rating
Brass alloy shell, sleeve & post
Accepts .015” to .025” diameter leads
Use P158 Insertion Tool on Page 76
D9 Die Point
R31
Pins and Terminals
R32
R52-R53
Part No.
R31/C
R31/M
Pkg Qty
100
1000
Part No.
R52/C
R52/M
R53/C
R53/M
Pkg Qty
100
1000
100
1000
Part No.
R32/C
R32/M
Pkg Qty
100
1000
CATALOG 128_CATALOG 126.qxd 6/7/2013 8:29 AM Page 75


Similar Part No. - R52

ManufacturerPart #DatasheetDescription
logo
Rohm
R5205CND ROHM-R5205CND Datasheet
204Kb / 6P
   10V Drive Nch MOSFET
R5205PND3FRA ROHM-R5205PND3FRA Datasheet
2Mb / 14P
   Nch 525V 5A Power MOSFET
R5207AND ROHM-R5207AND Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
logo
RICOH electronics devic...
R5210X RICOH-R5210X Datasheet
143Kb / 13P
   Step-down DC/DC Converter with VR and Reset
R5212D RICOH-R5212D Datasheet
796Kb / 26P
   Step-down DC/DC Converter with VR and Reset
More results

Similar Description - R52

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
450-3722 CAMBION-450-3722 Datasheet
25Kb / 1P
   Solder mount socket, for .050 (1,27) diameter pins
450-3756 CAMBION-450-3756 Datasheet
29Kb / 1P
   Swage mount socket, for .040 (1,02) diameter pins
450-3721 CAMBION-450-3721 Datasheet
27Kb / 1P
   Knurl mount socket, for .040 (1,02) diameter pins
450-5348 CAMBION-450-5348 Datasheet
27Kb / 1P
   Knurl mount socket, for .040 (1,02) diameter pins
450-3230 CAMBION-450-3230 Datasheet
26Kb / 1P
   Solder mount socket, for .025 (0,64) diameter pins
450-3375 CAMBION-450-3375 Datasheet
30Kb / 1P
   Swage mount socket, for .025 (0,64) diameter pins
450-1801 CAMBION-450-1801 Datasheet
26Kb / 1P
   Knurl mount socket, for .040 (1,02) diameter pins
450-3752 CAMBION-450-3752 Datasheet
26Kb / 1P
   Press mount socket, for .040 (1,02) diameter pins
450-3755 CAMBION-450-3755 Datasheet
28Kb / 1P
   Knurl mount socket, for .040 (1,02) diameter pins
450-3366 CAMBION-450-3366 Datasheet
26Kb / 1P
   Solder mount socket, for .040 (1,02) diameter pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com