Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN4DH362424LG Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # EN4DH362424LG
Description  Armoires a double acces en acier doux de type 4
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

EN4DH362424LG Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  EN4DH362424LG Datasheet HTML 1Page - Hammond Manufacturing Ltd. EN4DH362424LG Datasheet HTML 2Page - Hammond Manufacturing Ltd. EN4DH362424LG Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Optional Rear Inner Panel
Part No.
Overall Dimensions
Height
Width
Depth
EPGDH1624
12.20
20.20
0.75
Optional Additional Pair of Panel Rails
Part No.
Rack
Mounting Dimensions
Units
Height
Width
EPDHR7
7U
12.25
19.00
environnements intérieurs et extérieurs.
Porte avec regard en polycarbonate résistant aux rayons UV.
Rails en L plaqués forés et taraudés 10/32, conformes aux normes EIA
relatives aux bâtis de 19 po.
Jeu de 25 pièces de quicaillerie pour rails pour montage sur bâti de
19 po.
Fini
Gris clair RAL7035
Conforme à la directive RoHS.
Fabriqué en Amérique du Nord.
Solid Door
Window Door
Overall Dimensions
Mounting Dimensions
Rack
Suggested
Part No.
Part No.
A
B
C
D
Height Width
Center Depth
Units
Load Capacity
EN4DH162415LG
EN4DH162415WLG
16.00
24.00
15.01
7.60
12.25
19.00
9.51
7U
100 lb
EN4DH202415LG
EN4DH202415WLG
20.00
24.00
15.01
7.60
17.50
19.00
9.51
10U
100 lb
EN4DH242415LG
EN4DH242415WLG
24.00
24.00
15.01
7.60
21.00
19.00
9.51
12U
120 lb
EN4DH362415LG
EN4DH362415WLG
36.00
24.00
15.01
7.60
33.25
19.00
9.51
19U
140 lb
EN4DH482415LG
EN4DH482415WLG
48.00
24.00
15.01
7.60
45.50
19.00
9.51
26U
180 lb
EN4DH162424LG
EN4DH162424WLG
16.00
24.00
24.00
16.60
12.25
19.00
18.50
7U
100 lb
EN4DH202424LG
EN4DH202424WLG
20.00
24.00
24.00
16.60
17.50
19.00
18.50
10U
100 lb
EN4DH242424LG
EN4DH242424WLG
24.00
24.00
24.00
16.60
21.00
19.00
18.50
12U
120 lb
EN4DH362424LG
EN4DH362424WLG
36.00
24.00
24.00
16.60
33.25
19.00
18.50
19U
140 lb
EN4DH482424LG
EN4DH482424WLG
48.00
24.00
24.00
16.60
45.50
19.00
18.50
26U
180 lb


Similar Part No. - EN4DH362424LG

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
EN4DH362424LG HAMMOND-EN4DH362424LG Datasheet
22Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - EN4DH362424LG

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1414N4PH HAMMOND-1414N4PH Datasheet
144Kb / 3P
   Bo챤te de jonction en acier doux de type 4
EN4SD HAMMOND-EN4SD Datasheet
273Kb / 6P
   Armoire murale en acier doux de type 4
1414N4 HAMMOND-1414N4 Datasheet
206Kb / 3P
   Bo챤te de jonction en acier doux de type 4
HN4FS HAMMOND-HN4FS Datasheet
164Kb / 3P
   Armoire autoportante en acier doux de type 4
HN4FM HAMMOND-HN4FM Datasheet
155Kb / 4P
   Armoire de plancher a 2 portes en acier doux de type 4
1418N4FS HAMMOND-1418N4FS Datasheet
108Kb / 3P
   Armoire autoportante en acier doux de type 4
1418N4FSQT HAMMOND-1418N4FSQT Datasheet
149Kb / 3P
   Armoire autoportante en acier doux de type 4
1418N4 HAMMOND-1418N4 Datasheet
180Kb / 3P
   Armoire murale en acier doux de type 4
1422N4FM HAMMOND-1422N4FM Datasheet
166Kb / 4P
   Armoire de plancher a 2 portes en acier doux de type 4
1422N4FMQT HAMMOND-1422N4FMQT Datasheet
163Kb / 3P
   Armoire de plancher a 2 portes en acier doux de type 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com