Selected language     English  ā–¼


CMUT2222A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CMUT2222A
Description  ULTRAmini. SURFACE MOUNT NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMUT2222A type is an NPN silicon transistor
manufactured by the epitaxial planar process,
epoxy molded in an ULTRAminiā„¢ surface
mount package, designed for small signal
general purpose and switching applications.
Marking Code is PC1.
CMUT2222A
ULTRAminiā„¢ SURFACE MOUNT
NPN SILICON TRANSISTOR
SOT-523 CASE
Central
Semiconductor Corp.
TM
R1 ( 2 -October 2001)
MAXIMUM RATINGS: (TA=25Ā°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
600
mA
Power Dissipation
PD
250
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
Ā°C
Thermal Resistance
Ī˜JA
500
Ā°C/W
ELECTRICAL CHARACTERISTICS: (TA=25Ā°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=60V
10
nA
ICBO
VCB=60V, TA=125Ā°C
10
ĀµA
IEBO
VEB=3.0V
10
nA
ICEV
VCE=60V, VEB=3.0V
10
nA
BVCBO
IC=10ĀµA
75
V
BVCEO
IC=10mA
40
V
BVEBO
IE=10ĀµA
6.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.3
V
VCE(SAT)
IC=500mA, IB=50mA
1.0
V
VBE(SAT)
IC=150mA, IB=15mA
0.6
1.2
V
VBE(SAT)
IC=500mA, IB=50mA
2.0
V
hFE
VCE=10V, IC=0.1mA
35
hFE
VCE=10V, IC=1.0mA
50
hFE
VCE=10V, IC=10mA
75
hFE
VCE=10V, IC=150mA
100
300
hFE
VCE=1.0V, IC=150mA
50
hFE
VCE=10V, IC=500mA
40




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CMUT5179ULTRAmini. SURFACE MOUNT NPN SILICON RF TRANSISTOR 1 2 Central Semiconductor Corp
NTE2643Silicon NPN Transistor VHF/UHF Low Noise Amp Surface Mount 1 2 NTE Electronics
BSP19AT1NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreON Semiconductor
CZTA44HCSURFACE MOUNT NPN SILICON HIGH CURRENT HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CXT5551HCSURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR 1 2 Central Semiconductor Corp
CZT2680SURFACE MOUNT NPN HIGH VOLTAGE SILICON SWITCHING POWER TRANSISTOR 1 2 Central Semiconductor Corp
BSP52T1MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreON Semiconductor
CMUT2907AULTRAmini. SURFACE MOUNT PNP SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CZTA46SURFACE MOUNT NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CMPTA14EENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR 1 2 Central Semiconductor Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl