Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR37V12841A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MR37V12841A
Description  128M 1?밄it Serial Production Programmed ROM (P2ROM)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MR37V12841A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MR37V12841A Datasheet HTML 4Page - List of Unclassifed Manufacturers MR37V12841A Datasheet HTML 5Page - List of Unclassifed Manufacturers MR37V12841A Datasheet HTML 6Page - List of Unclassifed Manufacturers MR37V12841A Datasheet HTML 7Page - List of Unclassifed Manufacturers MR37V12841A Datasheet HTML 8Page - List of Unclassifed Manufacturers MR37V12841A Datasheet HTML 9Page - List of Unclassifed Manufacturers MR37V12841A Datasheet HTML 10Page - List of Unclassifed Manufacturers MR37V12841A Datasheet HTML 11Page - List of Unclassifed Manufacturers MR37V12841A Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FEDR37V12841A-002-02
MR37V12841A / P2ROM
AC Characteristics
( tsclk=33MHz, VCC = 3.0V-3.6V, Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Clock frequency
tSCLK
33 *
MHz
Clock High time
tSKH
11
ns
Clock Low time
tSKL
11
ns
Clock Rise time
tR
4
ns
Clock Fall time
tF
4
ns
#CS Lead Clock Time
tCSA
5
ns
#CS Setup Time
tCS
5
ns
#CS Lag Clock Time
tCSB
5
ns
#CS Hold Time
tCH
5
ns
#CS High Time
tCSH
100
ns
SI Setup Time
tDS
2
ns
SI Hold Time
tDH
10
ns
Access time
tAA
8
ns
SO Hold Time
tDOH
0
ns
SO Floating Time
tDOZ
8
ns
( tsclk=20MHz VCC = 3.0V-3.6V, Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Clock frequency
tSCLK
20 **
MHz
Clock High time
tSKH
20
ns
Clock Low time
tSKL
20
ns
Clock Rise time
tR
5
ns
Clock Fall time
tF
5
ns
#CS Lead Clock Time
tCSA
10
ns
#CS Setup Time
tCS
10
ns
#CS Lag Clock Time
tCSB
5
ns
#CS Hold Time
tCH
5
ns
#CS High Time
tCSH
100
ns
SI Setup Time
tDS
5
ns
SI Hold Time
tDH
10
ns
Access time
tAA
15
ns
SO Hold Time
tDOH
0
ns
SO Floating Time
tDOZ
10
ns
*: FAST-READ instructions
**: READ instructions
Measurement conditions
Output load
Input signal level
Vcc/0v
Output
Input timing reference level
2.4V/ 0.6V
30 pF
(Including scope and jig)
Output load
30 pF
Output timing reference level
0.5 Vcc
8/15


Similar Part No. - MR37V12841A

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
MR37V12841A LAPIS-MR37V12841A Datasheet
233Kb / 15P
   Serial Production Programmed ROM (P2ROM)
More results

Similar Description - MR37V12841A

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
MR27V6441L LAPIS-MR27V6441L Datasheet
231Kb / 15P
   64M?밯ord 횞 1?밄it Serial Production Programmed ROM (P2ROM)
MR37V12841A LAPIS-MR37V12841A Datasheet
233Kb / 15P
   Serial Production Programmed ROM (P2ROM)
MR27V1641L LAPIS-MR27V1641L Datasheet
233Kb / 15P
   Serial Production Programmed ROM (P2ROM)
logo
List of Unclassifed Man...
MR27V3241L ETC2-MR27V3241L Datasheet
231Kb / 15P
   32M.Word 횞 1.Bit Serial Production Programmed ROM (P2ROM)
MR27V1641L ETC2-MR27V1641L Datasheet
233Kb / 15P
   16M.Word 횞 1.Bit Serial Production Programmed ROM (P2ROM)
logo
LAPIS Semiconductor Co....
MR27V3241L LAPIS-MR27V3241L Datasheet
231Kb / 15P
   Serial Production Programmed ROM
logo
List of Unclassifed Man...
MR36V04G54B ETC2-MR36V04G54B Datasheet
181Kb / 9P
   128M?밯ord ??32?밄it Page Mode P2ROM
MR36V01G52B ETC2-MR36V01G52B Datasheet
243Kb / 10P
   64M?밯ord 횞 16?밄it or 128M?밯ord 횞 8?밄it Page Mode P2ROM
MR26V02G54R ETC2-MR26V02G54R Datasheet
181Kb / 9P
   64M?밯ord 32?밄it or 128M 16-Bit Page Mode P2ROM
MR27T12802L ETC2-MR27T12802L Datasheet
368Kb / 9P
   8M?밯ord 16?밄it or 16M?밯ord 8?밄it P2ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com