Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-535542-0 Datasheet(PDF) 73 Page - Tyco Electronics

Part # 9-535542-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-535542-0 Datasheet(HTML) 73 Page - Tyco Electronics

Back Button 9-535542-0 Datasheet HTML 69Page - Tyco Electronics 9-535542-0 Datasheet HTML 70Page - Tyco Electronics 9-535542-0 Datasheet HTML 71Page - Tyco Electronics 9-535542-0 Datasheet HTML 72Page - Tyco Electronics 9-535542-0 Datasheet HTML 73Page - Tyco Electronics 9-535542-0 Datasheet HTML 74Page - Tyco Electronics 9-535542-0 Datasheet HTML 75Page - Tyco Electronics 9-535542-0 Datasheet HTML 76Page - Tyco Electronics 9-535542-0 Datasheet HTML 77Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
253
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Interchangeable Contacts, Wire Crimp (Snap-In)
AMPMODU Interconnection System
5
Material and Finish
Copper alloy C7025, plated as follows:
Plating A — Duplex plated .000030
[0.00076] min. gold on contact area,
.000050 [0.00127] min. tin in crimp
area, with entire contact underplated
.000050 [0.00127] min. nickel
Plating B — Duplex plated .000015
[0.00038] min. gold on contact area,
.000050 [0.00127] min. tin in crimp
area, with entire contact underplated
.000050 [0.00127] min. nickel
Plating C — .000100 [0.00254] min.
tin over .000050 [0.00127] min. nickel
on entire contact
.068
[1.73]
CC
.060
[1.52]
.460
[11.68]
Section C - C
.012
[0.30]
Gap
Heavy Duty Miniature
Wire Size
Applicator for
Applicator for
Range
Ins.
Finish
Contact Part No.
AMP-O-MATIC
Hand
AWG
[mm2]
Dia.
(Standard Pressure)
AMP-O-LECTRIC
Stripper/Crimper
Tool
Range
Strip Form
Loose Piece
Machine*
Machine
Nos.
.025-.060
Plating A
1-104481-1
1-104481-3
32-28
0.03-0.08
0.64-1.52
Plating B
1-104481-0
1-104481-2
567296-2
466980-1
91518-1
Plating C
5-104481-2
5-104481-6
.025-.060
Plating A
1-104480-3
1-104480-6
26-22
0.13-0.3
0.64-1.52
Plating B
1-104480-2
1-104480-5
567297-2
466981-1
91518-1
Plating C
1-104480-7
1-104480-4
.025-.060
Plating A
1-104479-0
1-104479-3
24-20
0.2-0.5
0.64-1.52
Plating B
104479-9
1-104479-2
567298-2
466982-1
91551-1
Plating C
104479-8
1-104479-1
*For use with Model “K” machines. Call the Technical Support Center (1-800-522-6752) for part nos. of applicators for use with the Model “G” machines (shown
on page 270), as well as other bench machines and fully automatic AMPOMATOR lead making machines.
Note: These wire crimp contacts can be intermixed with insulation displacement crimp contacts.
Keying Plug
Part No. 104072-1
Ten plugs are supplied per strip.
Order quantity reflects the number
of strips required.
Extraction/Lance Reset
Tool No. 843477-1
Short Point Receptacles
Related Product Data
Performance Characteristics —
page 221
Housings used in —
Short Point—pages 223, 224
AMPMODU MTE Unloaded
Housings — pages 228-233
Application Tooling—
pages 270-272
Technical Documents
pages 277, 278
Product Specification
108-1472, 108-1472-1
Application Specification
114-25038
Note: All part numbers are RoHS compliant.


Similar Part No. - 9-535542-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9-510500-4 TEC-9-510500-4 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-510500-4 TEC-9-510500-4 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-5179180-6 TEC-9-5179180-6 Datasheet
731Kb / 4P
   REC ASSYY 9H TYPE (0.5 BOSS L) FOR FH 0.8mm B-T-B CONN ON TAPING
logo
Tyco Electronics
9-51864-1 MACOM-9-51864-1 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
9-51864-3 MACOM-9-51864-3 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
More results

Similar Description - 9-535542-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com