Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-535542-0 Datasheet(PDF) 32 Page - Tyco Electronics

Part # 9-535542-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-535542-0 Datasheet(HTML) 32 Page - Tyco Electronics

Back Button 9-535542-0 Datasheet HTML 28Page - Tyco Electronics 9-535542-0 Datasheet HTML 29Page - Tyco Electronics 9-535542-0 Datasheet HTML 30Page - Tyco Electronics 9-535542-0 Datasheet HTML 31Page - Tyco Electronics 9-535542-0 Datasheet HTML 32Page - Tyco Electronics 9-535542-0 Datasheet HTML 33Page - Tyco Electronics 9-535542-0 Datasheet HTML 34Page - Tyco Electronics 9-535542-0 Datasheet HTML 35Page - Tyco Electronics 9-535542-0 Datasheet HTML 36Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
212
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mod IV Receptacle Contacts
AMPMODU Interconnection System
5
Crimp Snap-In Receptacles
with Insulation Support
(Standard, Intermediate
and High Pressure)
Material and Finish
Beryllium copper, phosphor bronze or
copper-tin-phosphor bronze (see charts,
on following page), plated as follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area, .000100-
.000200 [0.00254-0.00508] tin on crimp
area, with entire contact underplated
.000050 [0.00127] nickel
Plating B — Duplex plated .000015
[0.00038] gold on contact area, .000100-
.000200 [0.00254-0.00508] tin on crimp
area, with entire contact underplated
.000050 [0.00127] nickel
Plating D — Selectively plated .000050
[0.00127] gold on contact area, with gold
flash over .000050 [0.00127] nickel on
entire contact
Plating E — Selectively plated .000030
[0.00076] gold on contact area, with gold
flash over .000050 [0.00127] nickel on
entire contact
Plating F — Selectively plated .000015
[0.00038] gold on contact area, with gold
flash over .000050 [0.00127] nickel on
entire contact
Plating G — .000100-.000200
[0.00254-0.00508] tin over .000030
[0.00076] nickel on entire contact
Related Product Data
Housings Used With —
pages 214-220
Performance Characteristics —
page 210
Application Tooling —
pages 270-272
Technical Documents
pages 277, 278
Product Specification
108-25007, 108-25019, 108-25020,
108-25021
Application Specification
114-25003, 114-25016
.058
[1.47]
.068
[1.73]
.165
[4.19]
Standard Pressure
Intermediate Pressure
High Pressure
A
A
A
A
Mating Force
Unmating Force
A-Gap Dimension
Standard Pressure
9 oz. Max.
1.5 oz. Min.
.008/.014
Intermediate Pressure
16 oz. Max.
2 oz. Min.
.008/.014
High Pressure
20 oz. Max.
3 oz. Min.
.013±.002


Similar Part No. - 9-535542-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9-510500-4 TEC-9-510500-4 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-510500-4 TEC-9-510500-4 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-5179180-6 TEC-9-5179180-6 Datasheet
731Kb / 4P
   REC ASSYY 9H TYPE (0.5 BOSS L) FOR FH 0.8mm B-T-B CONN ON TAPING
logo
Tyco Electronics
9-51864-1 MACOM-9-51864-1 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
9-51864-3 MACOM-9-51864-3 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
More results

Similar Description - 9-535542-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com