Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-535542-0 Datasheet(PDF) 42 Page - Tyco Electronics

Part # 9-535542-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-535542-0 Datasheet(HTML) 42 Page - Tyco Electronics

Back Button 9-535542-0 Datasheet HTML 38Page - Tyco Electronics 9-535542-0 Datasheet HTML 39Page - Tyco Electronics 9-535542-0 Datasheet HTML 40Page - Tyco Electronics 9-535542-0 Datasheet HTML 41Page - Tyco Electronics 9-535542-0 Datasheet HTML 42Page - Tyco Electronics 9-535542-0 Datasheet HTML 43Page - Tyco Electronics 9-535542-0 Datasheet HTML 44Page - Tyco Electronics 9-535542-0 Datasheet HTML 45Page - Tyco Electronics 9-535542-0 Datasheet HTML 46Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
222
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Short Point Crimp Snap-In Receptacle Contacts
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
.068
[1.73]
CC
.060
[1.52]
.460
[11.68]
Section C - C
.012
[0.30]
Gap
Quick-Change
Wire Size
Applicator for
Applicator for
Range
Ins.
Finish
Contact Part No.
AMP-O-MATIC
Hand
AWG
[mm2]
Dia.
(Standard Pressure)
AMP-O-LECTRIC
Stripper/Crimper
Tool
Range
Strip Form
Loose Piece
Machine*
Machine
Nos.
Plating A
1-104481-1
1-104481-3
32-28
0.03-0.08
.025-.060 [0.64-1.52]
Plating B
1-104481-0
1-104481-2
567296-2
466980-1
91518-1
Plating C
5-104481-2
5-104481-6
.
Plating A
1-104480-3
1-104480-6
26-22
0.13-0.3
.025-.060 [0.64-1.52]
Plating B
1-104480-2
1-104480-5
567297-2
466981-1
91518-1
Plating C
1-104480-7
1-104480-4
.
Plating A
1-104479-0
1-104479-3
24-20
0.2-0.5
.025-.060 [0.64-1.52]
Plating B
104479-9
1-104479-2
567298-2
466982-1
91551-1
Plating C
104479-8
1-104479-1
*For use with Model “K” machines. Call the Tooling/Technical Assistance Center (1-800-722-1111) for part nos. of applicators for use with the Model “G”
machines (shown on page 288), as well as other bench machines and fully automatic AMPOMATOR lead making machines.
Keying Plug
Part No. 104072-1
Ten plugs are supplied per strip.
Order quantity reflects the number
of strips required.
Extraction/Lance Reset
Tool No. 843477-1
Material and Finish
Copper alloy C7025, plated as follows:
Plating A — Duplex plated .000030
[0.00076] min. gold on contact area,
.000050 [0.00127] min. tin in crimp
area, with entire contact underplated
.000050 [0.00127] min. nickel
Plating B — Duplex plated .000015
[0.00038] min. gold on contact area,
.000050 [0.00127] min. tin in crimp
area, with entire contact underplated
.000050 [0.00127] min. nickel
Plating C — .000100 [0.00254] min.
tin over .000050 [0.00127] min. nickel
on entire contact
Related Product Data
Performance Characteristics —
page 221
Housings used in —
Short Point—pages 223, 224
AMPMODU MTE Unloaded
Housings — pages 228-233
Application Tooling —
page 270-272
Technical Documents
pages 276-278
Product Specification
108-1472
Application Specification
114-25038


Similar Part No. - 9-535542-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9-510500-4 TEC-9-510500-4 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-510500-4 TEC-9-510500-4 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-5179180-6 TEC-9-5179180-6 Datasheet
731Kb / 4P
   REC ASSYY 9H TYPE (0.5 BOSS L) FOR FH 0.8mm B-T-B CONN ON TAPING
logo
Tyco Electronics
9-51864-1 MACOM-9-51864-1 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
9-51864-3 MACOM-9-51864-3 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
More results

Similar Description - 9-535542-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com