Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-147095-0 Datasheet(PDF) 45 Page - Tyco Electronics

Part # 8-147095-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147095-0 Datasheet(HTML) 45 Page - Tyco Electronics

Back Button 8-147095-0 Datasheet HTML 41Page - Tyco Electronics 8-147095-0 Datasheet HTML 42Page - Tyco Electronics 8-147095-0 Datasheet HTML 43Page - Tyco Electronics 8-147095-0 Datasheet HTML 44Page - Tyco Electronics 8-147095-0 Datasheet HTML 45Page - Tyco Electronics 8-147095-0 Datasheet HTML 46Page - Tyco Electronics 8-147095-0 Datasheet HTML 47Page - Tyco Electronics 8-147095-0 Datasheet HTML 48Page - Tyco Electronics 8-147095-0 Datasheet HTML 49Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
225
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MTE Interconnection System
AMPMODU Interconnection System
5
Performance
Specifications
Electrical Characteristics
Contact Current Rating —
3 amperes for single contact in free air
(Amperage could vary due to ambient
temperature, wire size and duty cycles.)
Contact Termination
Resistance — 15 milliohms (max.)
Dielectric Withstanding Voltage —
At Sea Level–600 VAC, rms
At 70,000 Ft. [21 336 m]–225 VAC, rms
Insulation Resistance —
5,000 megohms (min.)
Environmental Characteristics
Operating Temperature —
-65°C to +105°C
Vibration — 15 G’s (gold), 10 G’s (tin)
Physical Shock — 50 G’s
Industrial Mixed Flow Gasing —
Class 1 (20 days) (gold)
Product Specification
108-25034
Application Specification
114-25026
Product Facts
Receptacle assemblies mate
with .025 [0.64] sq. posts;
mating post length is .200
[5.08] min., .250 [6.35] max.
Proven AMPMODU receptacle
contact design; dual
cantilever beams, built-in
anti-overstress, completely
enclosed “box” design,
standard or high-pressure
Insulation displacement
technology
Two contact sizes for
terminating 30-22 AWG [0.05-
0.3 mm2] wire range; .054
[1.37] max. insulation diam-
eter with an insulation wall
thickness of .015 [0.38] max.
Choice of gold duplex or tin
plated contacts
Interchangeable crimp
snap-in pin and receptacle
contacts available
Housing sizes 2 through
25 positions, single-row .100
[2.54] centers
Plain housings are end-to-end
and/or back-to-back stackable
for open pin field applications
Optional header with
“swaged tail” feature helps
prevent movement prior to
flow soldering
Integral latch provides
positive retention between
header and receptacle
housing
Coupling shrouds permit
ganging of smaller connectors
with guide ribs to form larger
single- or double-row
latching connectors
Mass terminating tooling
provides lowest applied cost
for most production needs
SMT and SMT compatible,
high-temp headers available
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
Certified by Canadian
Standards
Association,
File No. LR7189
The AMPMODU MTE
Interconnection System
offers both wire-to-board
and wire-to-wire connectors
using .025 [0.64] sq. post
technology.
The AMPMODU MTE
Interconnection System
consists of single-row
housings with contacts
preloaded on .100 [2.54]
centers. Housings are
furnished with contacts
partially inserted, leaving
the termination areas
exposed. Final contact
insertion can be
accomplished automatically
with Tyco Electronics
application equipment, and
manually when terminated
with the Tyco Electronics
pistol grip hand tool.
The heart of the system is
the insulation displacement
contact design, featured in
both pin and receptacle
contacts. The receptacle
contact, available in either
standard or high-pressure,
features dual cantilever
beams in an enclosed
“box.” The post stop helps
prevent a mating post from
disturbing the wire
termination and also limits
the mating depth of a long
post to protect a wrap-type
termination at the base of
the post. The forward
contact stop helps prevent
contact overinsertion prior
to termination. All contacts
are furnished on carrier
strips which are interlocked
for stability and positive
location during termination.
Single-row housings are
available in sizes 2 through
25 positions. Included are
three styles of receptacle
housings—plain, polarized/
latching and ribbed and two
styles of pin housings,
shrouded with polarizing/
latching feature and ribbed.
R
R


Similar Part No. - 8-147095-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
More results

Similar Description - 8-147095-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com