Electronic Components Datasheet Search |
|
8-147095-1 Datasheet(PDF) 70 Page - Tyco Electronics |
|
8-147095-1 Datasheet(HTML) 70 Page - Tyco Electronics |
70 / 98 page 250 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 MTE Headers, Polarized/Latching, Through-Hole, Surface Mount Compatible, Single-Row, .100 [2.54] Centerline AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Section X-X B X .535 [13.59] A .262 [6.65] .200 [5.08] Ref. (Contact Area) .060 [1.52] (2 Plc.) .120 [3.05] .060 [1.52] .100 [2.54] .180 [4.57] .350 [8.89] .145 [3.68] .230 [5.84] .100* [2.54] Typ. .058±.003 [1.47±0.08] (2 Plc.) .340±.003 [8.64±0.08] .090±.002 [2.29±0.05] .035±.003 Dia. Typ. [0.89±0.08] Plated-Thru Hole *±.003 [±0.08]; tolerance is not to accumulate within one connector pattern. Recommended PC Board (Stencil Thickness = .010 [0.25]) .025 [0.64] Square Right-Angle Post (With Holddown) Material and Finish Housing — Black thermoplastic, 94V-0 rated Posts — Brass, duplex plated .000015 [0.00038] gold on contact area, .000100 [0.00254] min. tin on solder tail, with entire post underplated .000050 [0.00127] nickel Related Product Data Mateable AMPMODU MTE Products — Receptacle Assemblies (Polarized/ Latching) — pages 230, 231 Receptacle Assemblies with Guide Ribs (installed in Single-Row Coupling Shroud) — pages 232, 233, 235, 240 Technical Documents — pages 277, 278 Product Specification 108-25034 Application Specification 114-25026 X C .100 [2.54] Typ. .093+.003 .093 -.000 2.36+0.08 .093 -.000 .145 [3.68] .200 [5.08] .070±.002 [1.78±0.51] Typ. Dia. (2 Plc.) ] [ C No. of Dimensions Right-Angle Header Pos. ABC with Hold Down 2 .300 [7.62] .220 [5.59] .100 [2.54] 5-104361-1 3 .400 [10.16] .320 [8.13] .200 [5.08] 5-104361-2 4 .500 [12.70] .420 [10.67] .300 [7.62] 5-104361-3 5 .600 [15.24] .520 [13.21] .400 [10.16] 5-104361-4 6 .700 [17.78] .620 [15.75] .500 [12.70] 5-104361-5 7 .800 [20.32] .720 [18.29] .600 [15.24] 5-104361-6 8 .900 [22.86] .820 [20.83] .700 [17.78] 5-104361-7 9 1.000 [25.40] .920 [23.37] .800 [20.32] 5-104361-8 10 1.100 [27.94] 1.020 [25.91] .900 [22.86] 5-104361-9 11 1.200 [30.48] 1.120 [28.44] 1.000 [25.40] 6-104361-0 12 1.300 [33.02] 1.220 [30.99] 1.100 [27.94] 6-104361-1 13 1.400 [35.56] 1.320 [33.53] 1.200 [30.48] 6-104361-2 No. of Dimensions Right-Angle Header Pos. ABC with Hold Down 14 1.500 [38.10] 1.420 [36.07] 1.300 [33.02] 6-104361-3 15 1.600 [40.64] 1.520 [38.61] 1.400 [35.56] 6-104361-4 16 1.700 [43.18] 1.620 [41.15] 1.500 [38.10] 6-104361-5 17 1.800 [45.72] 1.720 [43.69] 1.600 [40.64] 6-104361-6 18 1.900 [48.26] 1.820 [46.23] 1.700 [43.18] 6-104361-7 19 2.000 [50.80] 1.920 [48.77] 1.800 [45.72] 6-104361-8 20 2.100 [53.34] 2.020 [51.31] 1.900 [48.26] 6-104361-9 21 2.200 [55.88] 2.120 [53.85] 2.000 [50.80] 7-104361-0 22 2.300 [58.42] 2.220 [56.39] 2.100 [53.34] 7-104361-1 23 2.400 [60.96] 2.320 [58.93] 2.200 [55.88] 7-104361-2 24 2.500 [63.50] 2.420 [61.47] 2.300 [58.42] 7-104361-3 25 2.600 [66.04] 2.520 [64.01] 2.400 [60.96] 7-104361-4 Position No. 1 Indicator |
Similar Part No. - 8-147095-1 |
|
Similar Description - 8-147095-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |