Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-147095-1 Datasheet(PDF) 98 Page - Tyco Electronics

Part # 8-147095-1
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147095-1 Datasheet(HTML) 98 Page - Tyco Electronics

Back Button 8-147095-1 Datasheet HTML 90Page - Tyco Electronics 8-147095-1 Datasheet HTML 91Page - Tyco Electronics 8-147095-1 Datasheet HTML 92Page - Tyco Electronics 8-147095-1 Datasheet HTML 93Page - Tyco Electronics 8-147095-1 Datasheet HTML 94Page - Tyco Electronics 8-147095-1 Datasheet HTML 95Page - Tyco Electronics 8-147095-1 Datasheet HTML 96Page - Tyco Electronics 8-147095-1 Datasheet HTML 97Page - Tyco Electronics 8-147095-1 Datasheet HTML 98Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 98 / 98 page
background image
278
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Technical Documents for Wire-to-Board Products (Continued)
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Instruction Sheets provide instructions for assembling or applying the product. They are intended
for the Manufacturing Assembler or Operator.
Locking Clip Contacts and Housings — Pages 206-209:
408-7604
Tyco Electronics Extraction Tool 91084-1
408-7606
Tyco Electronics Locking Clip Contacts and Connectors
408-7627
Tyco Electronics Hand Crimp Tool 90295-1, 28-30 AWG Wire
408-8547
Tyco Electronics Hand Crimp Tool 91533-1, 22-26 AWG Wire
408-9388
Tyco Electronics Hand Crimp Tool 90431-1, 20 AWG Wire
Mod. IV Wire-Applied Contacts and Housings — Pages 210-220:
408-4379
Tyco Electronics PRO-CRIMPER II Hand Tool
408-7935
AMPMODU Receptacle Connectors with Strain Relief/Pull Tabs
408-8547
Tyco Electronics Hand Tool 91516-1, 91517-1 and 91541-1
408-9451
Tyco Electronics Extraction Tool 843473-1 for AMPMODU Wire-Applied Housings
86308
408-9453
Tyco Electronics Extraction Tools 843996 and 843477 for Removing AMPMODU
Crimp Snap-In Receptacle Contacts from Wire-Applied Housings
AMPMODU MTE Interconnection System — Pages 225-252:
409-5746
Tyco Electronics Electric Power Unit 931800-1
409-5832
MTE Ribbon Cable Terminator 856002-1
408-6789
Tyco Electronics Pneumatic Pistol Handle 58075-1
408-6790
Tyco Electronics Manual Pistol Handle 58074-1
408-6919
AMPMODU MTE Connectors
408-8547
Tyco Electronics Hand Crimp Tool 91518-1 and 91551-1
408-9230
Tyco Electronics Keying Tool 91417-1
408-9359
MTE Modular Terminating Head 58336-1
408-9393
Tyco Electronics Pneumatic Bench Assy. 58338-1
408-9407
Tyco Electronics Hand Crimp Tool 91531-1 and 58342-2
408-9453
Tyco Electronics Extraction Tools 843996 and 843477 for Removing AMPMODU
Crimp Snap-In Receptacle Contacts from Wire-Applied Housings
408-9515
Ribbon Cable Notcher 854449-[]
AMPMODU MT and Shielded MT Interconnection System — Pages 255-265:
408-6532
AMPMODU MT Connectors
AMPMODU Level V, IDC Connectors —
408-6843
Tyco Electronics Extraction Tool 91409-1
Standard Tandem Spring and Mini-Tandem Spring Receptacle Contacts — Pages 266-269:
408-7909
Tyco Electronics Hand Crimping Tool 91540-1


Similar Part No. - 8-147095-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
More results

Similar Description - 8-147095-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com